Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 16Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 17Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 18Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 20 of 34
0.1µF
VIN2
VDD
RF1
RF2
IN2
RFC
VIN1
RF3
50Ω
IN1
50Ω
50Ω
RF4
VIN4
IN4
VIN3
IN3
SPECTRUM
ANALYZER
RF
SOURCE
INPUT
VDD
AGND
RFGND
Figure 44. Second and Third Harmonics, RF Power
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
IN1
RF4
VIN4
IN4
VIN3
IN3
A
–6V
–6V
AGND
RFGND
–6V
–6V
NC
Figure 45. On Leakage
VIN2
VDD
0.1µF
VDD
RF2
RF1
IN2
RFC
VIN1
RF3
IN1
RF4
VIN4
IN4
VIN3
IN3
GND
RFGND
–6V
A
6V
6V
6V
NC = NO CONNECT
A
6V
A
A
A
Figure 46. Off Leakage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com