Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 15Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ADGM1304
Data Sheet
Rev. G | Page 12 of 34
TYPICAL PERFORMANCE CHARACTERISTICS
1
10
100
1k
10k
100k
1M
10M
100M
SWITCH ACTUATION NUMBER
RF1 TO RFC
RF2 TO RFC
RF3 TO RFC
RF4 TO RFC
SWITCH ACTUATED AT 25°C
RON MEASURED AT 25°C
VDD = 3.3V
Figure 6. Absolute RON vs. Switch Actuation Number, Switch Actuated at 25°C
and RON Measured at 25°C
1
10
100
1k
10k
100k
1M
10M
100M
SWITCH ACTUATION NUMBER
RF1 TO RFC
RF2 TO RFC
RF3 TO RFC
RF4 TO RFC
SWITCH ACTUATED AT 25°C
RON MEASURED AT 25°C
VDD = 3.3V
Figure 7. RON Drift vs. Switch Actuation Number, Normalized at Zero, Switch
Actuated at 25°C and RON Measured at 25°C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (Seconds)
VDD = 3.3V
TA = 25°C
RF1 TO RFC
RF2 TO RFC
RF3 TO RFC
RF4 TO RFC
Figure 8. Absolute RON vs. Time (1 ms to 5 sec) on Linear Scale
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (Seconds)
VDD = 3.3V
TA = 25°C
RF1 TO RFC
RF2 TO RFC
RF3 TO RFC
RF4 TO RFC
Figure 9. RON Drift vs. Time (1 ms to 5 sec) on Linear Scale, Normalized at Zero
1
TIME (Seconds)
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.001
0.01
0.1
10
VDD = 3.3V
TA = 25°C
RF1 TO RFC
RF2 TO RFC
RF3 TO RFC
RF4 TO RFC
Figure 10. RON Drift vs. Time (1 ms to 5 sec) on Log Scale, Normalized at Zero
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–6
–4
–2
0
2
4
6
SIGNAL BIAS VOLTAGE (V)
VDD = 3.0V
VDD = 3.3V
VDD = 3.6V
TA = 25°C
Figure 11. RON vs. Signal Bias Voltage over Supply Voltages (Measured 5 sec
Post Switch Turn On Time, RF1 to RFC On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com