Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 7Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 9Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 10Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 11Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 12Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 13Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 14Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 11 of 34
Pin No.
Mnemonic
Description
20
RF1
RF1 Port. This pin can be an input or an output. If unused, the pin must be connected to RFGND or terminate
the pin with a 50 Ω resistor to RFGND.
23
VDD
Positive Power Supply Input. The recommended decoupling capacitor to ground value is 0.1 μF. For the
recommended input voltage for this chip, see the Specifications section.
24
VCP
Charge Pump Capacitor Terminal. The recommended shunt capacitor to ground value is 47 pF (100 V rated).
If EXTD_EN is high, an 80 V dc drive voltage must be input into VCP to drive the switches.
EP1
Exposed Pad 1. EP1 is internally connected to AGND. It is recommended to connect to both AGND and RFGND.
EP2
Exposed Pad 2. EP2 is internally connected to RFGND. It is recommended to connect to both RFGND and AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com