Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 19Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 20Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 21Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 22Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 23Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 24Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 23 of 34
THEORY OF OPERATION
The ADGM1304 is an SP4T switch fabricated using Analog
Devices MEMS switch technology. This technology enables
high power, low loss, low distortion GHz switches for use in
demanding RF applications.
Figure 47 shows a stylized cross section graphic of the switch
with dimensions. The switch is an electrostatically actuated
cantilever beam connected in a 3-terminal configuration.
Functionally, the switch is analogous to a field effect transistor
(FET), and the terminals can be used as a source, gate, and
drain.
SILICON
SILICON
SOURCE
DRAIN
CANTILEVER BEAM
GATE
CONTACT GAP
METAL
Figure 47. Cross Section of the MEMS Switch Design Showing the Cantilever
Switch Beam (Not to Scale)
When a dc actuation voltage is applied between the gate
electrode and the source (the switch beam), an electrostatic
force is generated, which attracts the beam toward the
substrate. A separate on-board charge pump IC generates the
bias voltage, and 80 V is used for actuation.
When the bias voltage between the gate and the source exceeds
the threshold voltage of the switch, VTH, the contacts on the
beam touch the drain, which completes the circuit between the
source and the drain and turns the switch on. When the bias
voltage is removed (0 V on the gate electrode), the beam acts as
a spring to generate a sufficient restoring force to open the
connection between the source and the drain, break the circuit,
and turn the switch off.
Figure 48 shows the SP4T MEMS switch and controller die
within the LFCSP. Some of the LFCSP plastic molding material
is removed to allow the MEMS switch die (right) and controller
die (left) with associated wire bonds to be visible. The silicon
hermetically sealed cap covering the switch die is the black
rectangle on the right. Hermetically sealing the switches
improves the reliability and lifetime of the switches by keeping
them in a controlled atmosphere. The switch contacts do not
suffer from dry switching or low power switching lifetime
degradation.
Figure 48. ADGM1304 LFCSP Package with Molding Compound Partially
Removed to Show MEMS Switch Die (Right), Controller Die (Left), and
Associated Wire Bonds
PARALLEL DIGITAL INTERFACE
The ADGM1304 is controlled via a parallel interface. Standard
CMOS/LVTTL signals applied through this interface control
the actuation and release of all the switch channels of the
ADGM1304. Applied gate signals are boosted to give the
required voltages needed to actuate the MEMS switches.
Setting the PIN/SPI pin low enables the parallel digital interface
in 4-wire SP4T mode. In parallel mode, Pin 1 to Pin 4 (IN1 to
IN4) control the switching functions of the ADGM1304. When
a Logic 1 is applied to one of these pins, the gate of the
corresponding switch is activated and the switch turns on.
Conversely, when a Logic 0 is applied to one of these pins, the
switch turns off. Note that it is possible to connect more than
one RFx input to RFC at a time. Table 6 is the truth table for the
ADGM1304.
Table 6. Truth Table When in Parallel Digital Interface Mode
IN1
IN2
IN3
IN4
RF1 to
RFC
RF2 to
RFC
RF3 to
RFC
RF4 to
RFC
0
0
0
0
Off
Off
Off
Off
0
0
0
1
Off
Off
Off
On
0
0
1
0
Off
Off
On
Off
0
0
1
1
Off
Off
On
On
0
1
0
0
Off
On
Off
Off
0
1
0
1
Off
On
Off
On
0
1
1
0
Off
On
On
Off
0
1
1
1
Off
On
On
On
1
0
0
0
On
Off
Off
Off
1
0
0
1
On
Off
Off
On
1
0
1
0
On
Off
On
Off
1
0
1
1
On
Off
On
On
1
1
0
0
On
On
Off
Off
1
1
0
1
On
On
Off
On
1
1
1
0
On
On
On
Off
1
1
1
1
On
On
On
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com