Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM1304JCPZ-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADGM1304JCPZ-R2
Description  0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADGM1304JCPZ-R2 Datasheet HTML 25Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 26Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 27Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 28Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 29Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 30Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 31Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 32Page - Analog Devices ADGM1304JCPZ-R2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Data Sheet
ADGM1304
Rev. G | Page 29 of 34
Different functions of the switches include or omit a shunt
inductor from the circuit. Changing the shunt inductor value
affects the bandwidth and center frequency of the filter. Using
inductance values from 15 nH to 30 nH significantly alters the
bandwidth and center frequency, allowing the filter to dynamically
configure to operate in the UHF band or very high frequency
(VHF) band while preserving the 50 Ω match on the input and
output ports. The low RON value and large bandwidth of the MEMS
switch makes it an ideal choice for dynamic configuration. The
low RON reduces the negative effect a series resistance has on the
quality of the shunt inductor. The large bandwidth enables
higher frequency band-pass filters.
INPUT
OUTPUT
GND
18nH
22nH
50Ω
13pF
13pF
30nH
24nH
15nH
50Ω
24nH
15nH
18nH
30nH
Figure 57. Reconfigurable Band-Pass Filter Realized Using Two ADGM1304 MEMS Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com