Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 40Page - STMicroelectronics L99LDLH32 Datasheet HTML 41Page - STMicroelectronics L99LDLH32 Datasheet HTML 42Page - STMicroelectronics L99LDLH32 Datasheet HTML 43Page - STMicroelectronics L99LDLH32 Datasheet HTML 44Page - STMicroelectronics L99LDLH32 Datasheet HTML 45Page - STMicroelectronics L99LDLH32 Datasheet HTML 46Page - STMicroelectronics L99LDLH32 Datasheet HTML 47Page - STMicroelectronics L99LDLH32 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 141 page
background image
Communication interface
L99LDLH32
44/141
DS12879 Rev 5
Also a wake-up over the network is implemented.
6.3.1
CAN FD Light compatible frame format
The CAN FD base format is used for the CAN FD Light compatible protocol without
extended ID implemented as shown in Figure 17.
Figure 17. CAN FD Base Frame Format (FBFF)
The bits in the control field are fixed: FD frame (FDF) is always recessive. Not supported are
extended ID (EID, IDE bit always dominant), bit rate switch (BRS, always dominant) and
error state indication (ESI, always dominant).
The data field can be up to 64 bytes long, the number of bytes is encoded in the data length
code (DLC) field. Depending on the number of data bytes either CRC17 or CRC21 is
calculated. Only one CRC delimiter bit is sent and accepted since the data bit rate is the
same as the arbitration bit rate.
The arbitration and data bit rate are both 1 Mb/s. The bit rate is not switched.
6.3.2
Wake-Up
The Responders support a power down mode out of which they can be woken up by the
wake-up frame shown in Table 10.
6.3.3
Error frames
No error frames are sent by the Responders. Error frames may be sent by the Commander,
but are ignored by the Responders.
6.3.4
Collisions
Since the communication is always controlled and initiated by the Commander, the bus
participants do not arbitrate. Collisions lead to data frame errors.
6.3.5
Error handling
Network participant disconnect
Since all participants share the same bus various mechanisms allow the detection of a
disconnected device.
After each sent frame at least one acknowledge is expected from a receiver. If this
acknowledge is not received it can be assumed that the sender is not connected to the
network.
Broadcast frames can be transmitted within a given interval. Responders not receiving a
broadcast frame after a defined time may have lost their connection to the Commander.
IFS
SOF
Std ID (11 Bit)
FDF
IDE
res
DLC<3:0>
Data Field (max. 64 Bytes)
CRC <16:0> / <20:0>
ACK
Slot
ACK
CRC
Delimiter Delimiter
EOF <6:0>
RRS
BRS
ESI
IFS
FD Base Frame
Format Light
Arbitration
Field
Data Field
Control Field
CRC Field
ACK Field
EOF
Stuff Bit Count
<2:0>
Parity
FBFF Light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com