Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 12Page - STMicroelectronics L99LDLH32 Datasheet HTML 13Page - STMicroelectronics L99LDLH32 Datasheet HTML 14Page - STMicroelectronics L99LDLH32 Datasheet HTML 15Page - STMicroelectronics L99LDLH32 Datasheet HTML 16Page - STMicroelectronics L99LDLH32 Datasheet HTML 17Page - STMicroelectronics L99LDLH32 Datasheet HTML 18Page - STMicroelectronics L99LDLH32 Datasheet HTML 19Page - STMicroelectronics L99LDLH32 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 141 page
background image
Device supply concept
L99LDLH32
16/141
DS12879 Rev 5
3
Device supply concept
The L99LDLH32 IC is supplied through VS pin, connected to the car battery through an
external diode for reverse polarity protection or to an external pre-regulator.
The supply voltage is in the range of [VS_MIN÷40] V, avoiding any additional load dump
protection on power supply stage. On top of that, no device reset will occur in the supply
voltage range of [3÷VS_MIN] V – to keep digital content during cold cranking pulse.
In that range – [3÷VS_MIN] V - and till POR threshold (V3V3_POR_H) is not reached, full device
protection is granted and digital part (register content and state machine) is kept alive.
An under-voltage threshold (VS_UV) is implemented to avoid wrong output current due to low
battery and, till device leaves the voltage range between under-voltage VS_UV and under-
voltage reset VS_UV_RST some parameters may deviate versus specified value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com