Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 25Page - STMicroelectronics L99LDLH32 Datasheet HTML 26Page - STMicroelectronics L99LDLH32 Datasheet HTML 27Page - STMicroelectronics L99LDLH32 Datasheet HTML 28Page - STMicroelectronics L99LDLH32 Datasheet HTML 29Page - STMicroelectronics L99LDLH32 Datasheet HTML 30Page - STMicroelectronics L99LDLH32 Datasheet HTML 31Page - STMicroelectronics L99LDLH32 Datasheet HTML 32Page - STMicroelectronics L99LDLH32 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 141 page
background image
DS12879 Rev 5
29/141
L99LDLH32
Functional description
140
devices can be configured (through FTP only) by PHASE_DEV bits (3-bits - see FTP/RAM
memory map, Chapter 7).
The internal PWM clock oscillator can be reset by PWM_SYNC bit (see RAM memory map,
Chapter 7) in order to start the PWM period at a known phase relation.
Dimming with direct input in Fail Safe/Stand Alone Mode
The L99LDLH32 features the channel output PWM dimming through direct input control.
The Direct Input controls the output channels as per FTP setting (see Table 3: Output
channel assignment to DIN).
There is 1 configuration bit (PWM_FS_ALLx_EN - see FTP/RAM memory map, Chapter 7)
for enabling internal PWM dimming in Stand Alone / Fail Safe mode.
The PWM signal is deactivated by related DIN: if DIN = 0, the outputs are off; otherwise the
outputs follow internal PWM signal.
In Fail Safe / Stand Alone mode, an alternative duty cycle for DIN function group can be set
by an additional 8-bit register (PWM_DUTY_ALLx_ALT - see FTP/RAM memory map,
Chapter 7).This alternative duty cycle can be activated by dedicated pin PWM_DC_1/2.
If this pin is set at “1”, the alternative register values will be considered, otherwise, the
default register PWM_DUTY_ALLx will be the reference.
The channel PWM control concept in Fail Safe / Stand Alone Mode is illustrated in the
following flow chart.
Table 6. PWM phase shift (in Consumer mode)
PHASE_DEV [2÷0]
PWM_PHASE_SHIFT [µs]
bit 2
bit 1
bit 0
000
0
001
15
010
30
011
45
100
60
101
75
110
90
111
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com