Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 48Page - STMicroelectronics L99LDLH32 Datasheet HTML 49Page - STMicroelectronics L99LDLH32 Datasheet HTML 50Page - STMicroelectronics L99LDLH32 Datasheet HTML 51Page - STMicroelectronics L99LDLH32 Datasheet HTML 52Page - STMicroelectronics L99LDLH32 Datasheet HTML 53Page - STMicroelectronics L99LDLH32 Datasheet HTML 54Page - STMicroelectronics L99LDLH32 Datasheet HTML 55Page - STMicroelectronics L99LDLH32 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 141 page
background image
Communication interface
L99LDLH32
52/141
DS12879 Rev 5
For Write access the Payload represents the new data written to the address registers.
For Read Operation the Payload is not used. For functional safety reasons it is
recommended to set unused Payload to ‘0’.
For Read & Clear operation the Payload indicate the clearance of specific bits in the Status
Register. The bits to be cleared are defined first by address and secondly by the payload
bits set to ‘1’.
Figure 24. Unicast diagnosis request frame
As shown in Figure 24, the Commander addresses a Responder by its “Responder ID” in
CAN FD ID.
6.6.2
Unicast response frame
The Responders answer with a diagnosis response frame to the Commander’s diagnosis
request frame (see Figure 25). The CAN FD frame ID is the Responder ID preceded by “01”
to distinguish the Responder answer from the Commander request.
The Commander must send a synchronization frame - according to Chapter 6.5.5 - after
each responder replies (but only if the addressed devices change in the next commander
frame), to ensure the responders are synchronized to the commander and the frames sent
by the commander are correctly received by all responders.
Figure 25. Unicast diagnosis response frame
6.6.3
Global Status Byte (GSB)
The Global Status Byte is described here below.
"00",Responder ID [8:0]
CTRL
OP Code, Address
Data Byte 1
Data Byte 2
...
CRC
ACK/EOF
"01",Responder ID [8:0]
CTRL
Global Status Byte (GSB)
Data Byte 1
Data Byte 2
...
CRC
ACK/EOF
Figure 26. Global Status Byte
Bit
76
5
4
3
2
1
0
Name
GSBN
RSTB
x
FE2
FE1
DE
GW
FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com