| Electronic Components Datasheet Search |
|
L99LDLH32 Datasheet(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99LDLH32 Datasheet(HTML) 23 Page - STMicroelectronics |
|
23 / 141 page ![]() DS12879 Rev 5 23/141 L99LDLH32 Functional description 140 The device leaves this mode if: Wake-up pattern is sent through CAN FD Light compatible interface Or DIN High for a time t > tWAKEUP 5.1.2 Initialization The device enters Initialization phase under the following conditions: Sleep pattern sent through CAN FD Light compatible interface Or One frame setting bit (BUSMODE,GOSTBY) = (0,1) Or DIN Low for a time t > tSTDBY AND power on reset delay time (tPOR_DELAY) elapsed AND channels NOT set permanently ON in Fail Safe (FS_OUT_ENx [0]) The Initialization mode characteristics are: VS > VS_POR_H V3V3 > V3V3_POR_H Shadow register(a) loaded from FTP Outputs disabled CAN FD Light compatible Interface inactive The device leaves automatically Initialization mode entering Standby mode after tSTARTUP. 5.1.3 Reset mode The device enters Reset mode (transition state) under the following conditions: By default, once the device leaves Standby mode If device state is in Fail Safe / Stand Alone mode, when V3V3 < V3V3_POR_L If device state is Normal / Bus mode, when one of the following events occur: – Watchdog failure – One frame setting bits (BUSMODE,GOSTBY) = (0,0) – One frame setting bits (BUSMODE,GOSTBY) = (1,1) –V3V3 < V3V3_POR_L The Reset mode characteristics are: V3V3 > V3V3_POR_H Reset of control register to default values according to the shadow register setting CAN FD Light compatible Interface inactive The device leaves automatically Reset mode and enters Limp Home after 400 ns (typically). a. Shadow registers are RAM copy of FTP registers, added to speed-up transition between Standby to Fail Safe modes and Fail Safe to Normal modes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |