Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 54Page - STMicroelectronics L99LDLH32 Datasheet HTML 55Page - STMicroelectronics L99LDLH32 Datasheet HTML 56Page - STMicroelectronics L99LDLH32 Datasheet HTML 57Page - STMicroelectronics L99LDLH32 Datasheet HTML 58Page - STMicroelectronics L99LDLH32 Datasheet HTML 59Page - STMicroelectronics L99LDLH32 Datasheet HTML 60Page - STMicroelectronics L99LDLH32 Datasheet HTML 61Page - STMicroelectronics L99LDLH32 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 141 page
background image
FTP and RAM memory mapping
L99LDLH32
58/141
DS12879 Rev 5
09h
PWM_DUTY_CH28-31
Read/Write/ Broadcast
Write
Exponential 8-bit individual PWM
duty cycle Channel 28-31
(2)
0Ah
CURR_SET_CH0_3
Read/Write/ Broadcast
Write
8-bit analogue current setting
Channel 0-3
(2)
0Bh
CURR_SET_CH4_7
Read/Write/ Broadcast
Write
8-bit analogue current setting
Channel 4-7
(2)
0Ch
CURR_SET_CH8_11
Read/Write/ Broadcast
Write
8-bit analogue current setting
Channel 8-11
(2)
0Dh
CURR_SET_CH12_15
Read/Write/ Broadcast
Write
8-bit analogue current setting
Channel 12-15
(2)
0Eh
CURR_SET_CH16_19
Read/Write/ Broadcast
Write
8-bit analogue current setting
Channel 16-19
(2)
0Fh
CURR_SET_CH20_23
Read/Write/ Broadcast
Write
8-bit analogue current setting
Channel 20-23
(2)
10h
CURR_SET_CH24_27
Read/Write/ Broadcast
Write
8-bit analogue current setting
Channel 24-27
(2)
11h
CURR_SET_CH28_31
Read/Write/ Broadcast
Write
8-bit analogue current setting
Channel 28-31
(2)
12h
DIN_MAP_CH0_15
Read/Write
Direct Input Mapping Channel 0-
15
(2)
13h
DIN_MAP_CH16_31
Read/Write
Direct Input Mapping Channel
16_31
(2)
14h
not used
15h
CONFIG_1
Read/Write
Device Configuration Register 1
(1)
16h
CONFIG_2
Read/Write
Device Configuration Register 2,
Power Good thresholds
VPRE_REG, Short Circuit
detection thresholds
(1)
17h
CONFIG_3
Read/Write
Device Configuration Register 3
(1)
18h
CONFIG_4
Read/Write
Device Configuration Register 4,
Chip Select Enable and mode
transistion bits
(1)
19h
WD_TRIG
Read/Write
Watchdog trigger
(1)
Status
1Ah
Chain_IDPOS
Read
ChainID and Position number
Responder ID0 & Responder ID1
(1)
1Bh
Not used
1Ch
Not used
1Dh
Not used
1Eh
Not used
Table 15. RAM memory map (continued)
Address
Name
Access
Content
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com