Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 13Page - STMicroelectronics L99LDLH32 Datasheet HTML 14Page - STMicroelectronics L99LDLH32 Datasheet HTML 15Page - STMicroelectronics L99LDLH32 Datasheet HTML 16Page - STMicroelectronics L99LDLH32 Datasheet HTML 17Page - STMicroelectronics L99LDLH32 Datasheet HTML 18Page - STMicroelectronics L99LDLH32 Datasheet HTML 19Page - STMicroelectronics L99LDLH32 Datasheet HTML 20Page - STMicroelectronics L99LDLH32 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 141 page
background image
DS12879 Rev 5
17/141
L99LDLH32
Linear current sources
140
4
Linear current sources
4.1
General description
The L99LDLH32 features 32 high side linear current generators to regulate from 1 mA up to
15 mA current on the output channels.
The output channels can be put in parallel to address higher current than the programmable
one and, for each channel, the current can be individually programmed by using an
integrated 8-bit DAC. The output channels paralleling is allowed, provided that all these
channels are controlled simultaneously. Moreover, in case of fault on one of the paralleled
channels, it is recommended to deactivate all the channels belonging to the same fault bus
(by setting FAULT_REACT_MODE bit to "0", see Table 8).
Supplied directly from car battery, the L99LDLH32 IC guarantees up to 35 V output driving
capability - suitable to cover the OLED forward voltage wide spread.
Each O/LED string can be supplied by battery or through one pre-regulator connected
between battery and linear current regulators.
The pre-regulated (VPRE_REG) and battery (VS) voltages are internally monitored by an 8-bit
ADC, the results are stored in a dedicated result register. The ADC is used also to monitor
the device temperature (TJ) as well as all the output channels. These channels are
refreshed once per PWM period in on-state.
The minimum PWM on-time (vs PWM frequency) - to ensure a correct channel ADC reading
- is tPWM_ON_OFF time (see Table 77). In any case, ADC will not perform any reading
operation before a configurable blanking time (tDIAG_BLANK, see Table 79) has elapsed. This
blanking time is applied on the first channel turn on as well as on each PWM rising edge.
The ADC monitoring of all these parameters allows a complete diagnostic: open load
detection, hard short circuit (versus ground), O/LED current derating in case of device
temperature increasing.
The L99LDLH32 features an 8-bit logarithmic PWM for dimming control to adjust
separately the brightness for each channel. A linear 8-bit global dimming dedicated for each
function group mapped with Direct Input pin can be superimposed with the channel
individual dimming.
A slow turn-on and turn-off time (tSR_ON and tSR_OFF) of the channel improves the system
low noise generation performances.
Moreover, this device features the output gradual delay (tGD) which avoids contemporary
turning on of all the channels used for a specific light function, reducing the inrush current.
To further improve EMI performances, the device implements an internal clock dithering:
more precisely, a triangular waveform (see the Figure 57) is applied to the embedded 20
MHz oscillator to have a spread spectrum noise reduction. Frequency modulation and
deviation, along with rejection, are showed in the Table 39, for each of the eight possible
configurations the user can set by means of 3 dedicated bits (DITHERING [2÷0], see
FTP/RAM memory map, Chapter 7).
The L99LDLH32 integrates a thermal sensor block used to sense the device junction
temperature (TJ) as well as to detect thermal warning (TW) and thermal shutdown (TSD)
thresholds, granting device protection in case of temperature increasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com