Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 52Page - STMicroelectronics L99LDLH32 Datasheet HTML 53Page - STMicroelectronics L99LDLH32 Datasheet HTML 54Page - STMicroelectronics L99LDLH32 Datasheet HTML 55Page - STMicroelectronics L99LDLH32 Datasheet HTML 56Page - STMicroelectronics L99LDLH32 Datasheet HTML 57Page - STMicroelectronics L99LDLH32 Datasheet HTML 58Page - STMicroelectronics L99LDLH32 Datasheet HTML 59Page - STMicroelectronics L99LDLH32 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 141 page
background image
FTP and RAM memory mapping
L99LDLH32
56/141
DS12879 Rev 5
7
FTP and RAM memory mapping
The L99LDLH32 is equipped with a 2 kbits EEPROM, used also to store device
configuration data. Part of this memory will be managed by the customer.
The device can operate in stand-alone mode (no microcontroller used) thanks to full
configurability by FTPs. In application, the FTPs can be programmed (up to NFTP cycles) via
CAN FD Light compatible interface – even if the device does not integrate any counter to
take note about the FTP writing cycles. By the way, for safety reason, any FTP sector can
be locked to avoid unintentional writing.
The user can program FTPs setting CS pin to “1” via HW or via SW.
Figure 33. FTP access through CAN bus - programming by physical pin CS
Yes
No
No
Yes
LSB
LSB
4 bits
After
, Read FTP
t
FTP_WR
Customer Sector
Customer Sector
0000DCBA on address 1E.
(*) Test Mode Customer key word:
If it is 1, Test Mode Customer entering is OK.
(**) Test Mode Customer read 1E Status Register bit 0.
(either Fail Safe or Bus Mode)
The device has to be kept in Active Mode
Note:
sectors
Address: contained in the following 4 bits, it represents space address for customer
(FTP Read / Program)
OpCode: contained in the first 4 bits, it represents the instruction to be performed
reaching the initialization state.
Lock configuration is applied once device
Shadow Registers are loaded from FTP.
MSB
4 bits
OpCode
PARITY – 8 bits
MSB
DATA – 120 bits
128 bits in FTP
Address
DATA – 120 bits
128 bits in Frame CAN
Program FTP
Entry OK?
Test Mode Customer
dedicated bit (**)
Read Test Mode Customer
Physical Pin CS =1
key word 32 bits (*)
Write Test Mode Customer
Physical pin CS = 0
Read OK?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com