Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 80 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 76Page - STMicroelectronics L99LDLH32 Datasheet HTML 77Page - STMicroelectronics L99LDLH32 Datasheet HTML 78Page - STMicroelectronics L99LDLH32 Datasheet HTML 79Page - STMicroelectronics L99LDLH32 Datasheet HTML 80Page - STMicroelectronics L99LDLH32 Datasheet HTML 81Page - STMicroelectronics L99LDLH32 Datasheet HTML 82Page - STMicroelectronics L99LDLH32 Datasheet HTML 83Page - STMicroelectronics L99LDLH32 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 141 page
background image
FTP and RAM memory mapping
L99LDLH32
80/141
DS12879 Rev 5
Table 36. Device configuration 1 field description
Bit
Name
Default
Description
31-27
00000
Don’ t care
26
FAULT_REACT_MODE_00
FTP
Fault reaction mode Group 00:
0: Fault on one string, all strings of the same group are
turned off
1: Fault on one string, no action on other strings of same
Group
25
0
Don’ t care
24
FAULT_REACT_MODE_01
FTP
Fault reaction mode Group 01:
0: Fault on one string, all strings of the same group are
turned off
1: Fault on one string, no action on other strings of same
Group
23-21
PHASE_DEV
(Read Only in RAM)
FTP
PWM phase shift in Responder mode: Phase Shift with
regards to SYNC_I/O synchronized clock in 15 µs steps:
000: 0 µs
001: 15 µs
010: 30 µs
...
111: 105 µs
20
OUT_DELAY
FTP
Enable/Disable of gradual output delay:
0: gradual delay disabled
1: gradual delay enabled
19
SYNC I/O_P/C
FTP
Provider/Consumer SYNC_I/O: Synchronization of PWM
frequency and phase between Provider and Consumer
Devices
1: Provider Mode selected. SYNC_I/O is input. Clock
frequency and phase signal on the SYNC_I/O line is used
to synchronize own clock
0 (default): Provider Mode selected. SYNC_I/O is output.
Device Clock frequency with scaler and phase signal is
transfered to the SYNC_I/O line
18
PWM_SYNC
0
Reset bit for internal PWM counter:
0: PWM counter running
1: PWM counter reset to zero; bit is automatically cleared
directly after reset
17-11
0h
Don’ t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com