Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 29Page - STMicroelectronics L99LDLH32 Datasheet HTML 30Page - STMicroelectronics L99LDLH32 Datasheet HTML 31Page - STMicroelectronics L99LDLH32 Datasheet HTML 32Page - STMicroelectronics L99LDLH32 Datasheet HTML 33Page - STMicroelectronics L99LDLH32 Datasheet HTML 34Page - STMicroelectronics L99LDLH32 Datasheet HTML 35Page - STMicroelectronics L99LDLH32 Datasheet HTML 36Page - STMicroelectronics L99LDLH32 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 141 page
background image
DS12879 Rev 5
33/141
L99LDLH32
Functional description
140
As soon as the VS supply crosses the under-voltage reset threshold (VS_UV_RES) the device
is automatically re-activated.
5.3.7
Channel output - LED short circuit detection
The L99LDLH32 performs the LED short circuit fault detection – both in Bus mode as well
as Fail Safe / Stand Alone mode - based on voltage monitoring across the channel output
voltage: the detection is done by comparing the absolute output voltage versus a
configurable threshold.
The device features 2 groups of configurable short circuit threshold (VSHT_CH_TH and
VSHT_CH_DIN_TH, as showed in Table 9). This configurability allows short detection of one or
more LEDs within the string connected to a given channel mapped according to
DIN_MAP_CHx <0>.
The short circuit detection can be enabled /disabled through the SHT_DET_EN bit (see
FTP/RAM memory map, Chapter 7): if this bit is equal to “0”, the short circuit detection is
disabled, otherwise, the short circuit detection is enabled. In this latter case, two different
scenarios are possible: to enable or disable the channel output deactivation in case of short
circuit, by one dedicated bit (SHT_OFF_x – see FTP/RAM memory map, Chapter 7). If
SHT_OFF_x bit is set to 0, the faulty channel output is kept active in case of short circuit,
otherwise the faulty channel is latched off. The channel is recognized in short circuit as soon
as its output voltage - read by ADC - is less than the specified short circuit threshold
(VSHT_CH_TH or VSHT_CH_DIN_TH, see Table 9).
In Bus mode, the faulty channel output is latched off and the dedicated fault bit (SHT_CHx –
see RAM memory map, Chapter 7) is set. The channel output can be restarted and the fault
bit will be cleared by sending a read & clear command to address 28. Selective bitwise read
& clear is possible.
In case of fault in Fail Safe / Stand Alone mode:
for the channels configured with FS_OUT_EN = 0, the output is latched off and it is
cleared upon falling edge of DIN with tDIN_FALL settling time. This means that fault is
not cleared during PWM dimming with PWM off-time shorter than tDIN_FALL time.
for the channels configured with FS_OUT_EN = 1, after elapsing the tAUTORESTART, the
faulty channel is automatically re-activated and the SHT_CHx bit is cleared.
If outputs are permanently enabled by FS_OUT_ENx = [1], in case of short circuit, they will
be latched and the latch can be cleared only through a power on reset condition.
For all (and only) those channels mapped on DIN (DIN_MAP_CHx = 01), the L99LDH32
features the indication of short circuit on FAULT pin. If the bit SHT_EN (see FTP/RAM
memory map, Chapter 7) is equal to “0”, the short circuit fault detection is NOT propagated
on FAULT bus; whilst if SHT_EN = 1, the short circuit of the faulty channel is indicated on
associated FAULT bus (pulled low).
The channel short event is also reported in the Global Status Byte register, in particular
Functional Error 2 (FE2) bit is set.
Table 9. LED short circuit threshold - grouping
DIN_MAP_CHx <0>
Short circuit threshold group
0
VSHT_CH_TH
1
VSHT_CH_DIN_TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com