Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 26Page - STMicroelectronics L99LDLH32 Datasheet HTML 27Page - STMicroelectronics L99LDLH32 Datasheet HTML 28Page - STMicroelectronics L99LDLH32 Datasheet HTML 29Page - STMicroelectronics L99LDLH32 Datasheet HTML 30Page - STMicroelectronics L99LDLH32 Datasheet HTML 31Page - STMicroelectronics L99LDLH32 Datasheet HTML 32Page - STMicroelectronics L99LDLH32 Datasheet HTML 33Page - STMicroelectronics L99LDLH32 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 141 page
background image
Functional description
L99LDLH32
30/141
DS12879 Rev 5
Figure 9. Output & PWM control concept DIN
Dimming with power line
In the L99LDLH32, PWM dimming through power line is possible by rectifying the VS supply
and connecting the Power Line to the Direct Inputs through resistor divider. A buffer
capacitor on VS supply pin has to be able to supply the device during PWM off state to keep
it in operating mode without any reset.
When dimming through power line is performed, PWM frequency is expected in the range of
[100÷200Hz] with 5% minimum duty cycle. The start-up time for light function availability is
tSTARTUP_PWM_VS.
The tSTARTUP_PWM_VS parameter is the time needed for device startup, from device power
up (presence of VS) to the channel activation.
5.3
Protections and diagnostic
5.3.1
Diagnostic availability and validation - strategy
The L99LDLH32 performs a configurable blanking time for the diagnosis, which is applied
on the first channel turn on as well as on each PWM rising edge.
There are 2 configuration bits per function group (DIAG_BLANK_x - see FTP/RAM memory
map, Chapter 7) to set the desired blanking time before validating any fault related to the
channel.
The possible configuration is reported in the table below.
DIN= [0]?
Outx off
Yes
PWM_FS_ALL= [0]?
No
Outx on
Yes
PWM_DC_½
pin = [1]?
No
Duty cycle applied on
OUTx
Yes
Duty cycle applied on
OUTx
No
(1) <=PWM_DUTY_ALL_ALT
(*)
(2) <= PWM_FREQ_DIN
(3) <= duty applied
(1) <=PWM_DUTY_ALL
(**)
(2) <= PWM_FREQ_DIN
(3) <= duty applied
(1) <=don’t care
(2) <= don’t care
(3) <= 1 (100%)
(1) <=don’t care
(2) <= don’t care
(3) <= 0 (0%)
Notes:
(*) the PWM_DUTY_ALL_ALT is exponential (such value is related only to Fail Safe mode)
(**) in Fail Safe mode, the PWM_DUTY_ALL is exponential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com