Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LDLH32 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99LDLH32
Description  32-channel LED driver with automotive CAN FD Light interface
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LDLH32 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99LDLH32 Datasheet HTML 6Page - STMicroelectronics L99LDLH32 Datasheet HTML 7Page - STMicroelectronics L99LDLH32 Datasheet HTML 8Page - STMicroelectronics L99LDLH32 Datasheet HTML 9Page - STMicroelectronics L99LDLH32 Datasheet HTML 10Page - STMicroelectronics L99LDLH32 Datasheet HTML 11Page - STMicroelectronics L99LDLH32 Datasheet HTML 12Page - STMicroelectronics L99LDLH32 Datasheet HTML 13Page - STMicroelectronics L99LDLH32 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
Description
L99LDLH32
10/141
DS12879 Rev 5
1
Description
The L99LDLH32 is a monolithic 32-channel linear current regulator specifically designed for
automotive exterior O/LED rear lighting applications. Thanks to the high side configuration
of the output channels, the L99LDLH32 is suitable to drive OLED panel with common
cathode. It guarantees up to 35 V output driving capability - to cover the OLED forward
voltage wide spread - and features 32 regulated current sources able to provide from 1 mA
up to 15 mA individually programmable current to drive each pixel of the OLED panel
independently. As the other device in the family (L99LDLL16), the L99LDLH32 integrates a
robust purely automotive CAN FD Light compatible communication interface which allows a
high rate data transmission (up to 1 Mbit/s) and uses CAN FD structure for long frames.
Besides the CAN FD Light compatible physical layer, the device also integrates the protocol
handler, so no additional external devices are needed to facilitate communication with
Commander ECU. The L99LDLH32 can operate in bus mode using CAN FD Light
compatible interface or in stand-alone/fail-safe mode using internal Few Time
Programmable (FTP) memory registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com