Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4377 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 30Page - Analog Devices ADF4377 Datasheet HTML 31Page - Analog Devices ADF4377 Datasheet HTML 32Page - Analog Devices ADF4377 Datasheet HTML 33Page - Analog Devices ADF4377 Datasheet HTML 34Page - Analog Devices ADF4377 Datasheet HTML 35Page - Analog Devices ADF4377 Datasheet HTML 36Page - Analog Devices ADF4377 Datasheet HTML 37Page - Analog Devices ADF4377 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 79
Figure 87. Theoretical In-Band Phase Noise, fOUT = 10 GHz
POWER-UP AND INITIALIZATION SEQUENCE
Figure 88. Power-Up and Initialization Sequence
The following steps describe the recommended power-up and initi-
alization sequence of the ADF4377:
1. Apply specified voltages to the V5V, V3.3V_1, and V3.3V_2 power
supply groups. The ADF4377 is in full power-down mode at this
point and SPI programming is not possible.
2. Set the CE pin to a logic high. It is acceptable to connect
the CE pin to the V3_LDO pin via a pull-up resistor, therefore
performing Step 1 and Step 2 coincidentally.
3. After waiting ≥200 μs for all SPI register bits to settle to their
power-on reset state (POR), begin programming the SPI to
configure the ADF4377 to a desired state. The following is the
recommended SPI programming:
a. Set the SDO_ACTIVE and CMOS_OV bits to a desired
state for future readback operations.
b. Program all register addresses in descending order,
REG0045 to REG0010. There are several required re-
served register field settings provided in Table 42 that are
required for proper device operation.
4. The ADF4377 remains in power-down mode until the PD_ALL
bit is programmed to 0. After PD_ALL is disabled, wait at least
10 μs for the VCO calibration circuitry and other circuit blocks to
settle before starting a VCO calibration.
5. A write to REG0010 starts a VCO autocalibration. At this point,
the device is fully operational and new frequencies can be
programmed as often as desired.
6. Setting PD_ALL to 1 powers down the ADF4377, retaining
the latest programmed SPI settings and full SPI programming
capability.
7. If only the state of PD_ALL was modified in Step 6, setting
PD_ALL to 0 returns the ADF4377 to the frequency program-
med in Step 5. After a 10 μs wait, all circuit blocks are
completely powered up internally. This 10 μs wait does not
include the frequency settling time associated with the loop filter
bandwidth.
8. Toggling the CE pin level causes the ADF4377 to return to
full power-down mode and return the SPI registers to the POR
state (see Step 2 and Step 3).
POWER SUPPLY AND BYPASSING
The ADF4377 is a high performance, low noise device. Phase
noise and spurious performance may be degraded by noisy power
supplies. To achieve maximum performance and ensure that power
supply noise does not degrade the performance of the ADF4377,
it is recommended to use the Analog Devices low noise, high pow-
er supply rejection ratio (PSRR) regulators. Preferred regulators
include the LT3045, ADM7150, and the ADM7151.
The ADF4377 eliminates the need for on-board supply bypass
capacitors, by integrating all necessary local power supply bypass
capacitors on the ADF4377 package laminate. As shown in Figure
89, by removing the requirement for local power supply bypass
capacitors, the ADF4377 consumes 40% less effective PCB area
and reduces the number of board layout design challenges.
Figure 89. Layout Advantages with Integrated Power Supply Decoupling
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com