Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4377 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 18Page - Analog Devices ADF4377 Datasheet HTML 19Page - Analog Devices ADF4377 Datasheet HTML 20Page - Analog Devices ADF4377 Datasheet HTML 21Page - Analog Devices ADF4377 Datasheet HTML 22Page - Analog Devices ADF4377 Datasheet HTML 23Page - Analog Devices ADF4377 Datasheet HTML 24Page - Analog Devices ADF4377 Datasheet HTML 25Page - Analog Devices ADF4377 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
Data Sheet
ADF4377
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 79
OUTPUT FREQUENCY
When EN_RDBLR = 0
When the loop is locked, the frequency (fVCO ) (in Hz) produced at
the output of the VCO is determined by the reference frequency
(fREF) and the O, R, and N values given by Equation 1. Refer to
Table 11 and Table 18 for more information.
fVCO=fREF
×N×OR
(1)
In the following equation, the PFD frequency (fPFD) produced is
given by Equation 2.
fPFD
=fREFR
(2)
fVCO may be alternatively expressed as
fVCO=fPFD×N×O
(3)
The output frequency (fOUT) produced at the output of the output
divider is given by Equation 4.
fOUT=fVCOO
(4)
The output frequency resolution (fSTEP) produced by a unit change
in N is given by Equation 5.
fSTEP
=fPFD
(5)
When EN_RDBLR = 1
When the loop is locked, the frequency (fVCO ) (in Hz) produced at
the output of the VCO is determined by the reference frequency
(fREF) and the O, D, and N values given by Equation 6.
fVCO=fREF×D×N×O
(6)
When EN_RDBLR = 1, the PFD frequency (fPFD) produced is given
by Equation 7.
fPFD=fREF×D
(7)
Equation 3, Equation 4, and Equation 5 for fVCO, fOUT, and fSTEP
remain the same when EN_RDBLR = 1.
CIRCUIT DESCRIPTION
Reference Input Buffer
The reference frequency of the PLL is applied differentially on
the REFP pin and REFN pin. These high impedance inputs are
self-biased and must be ac-coupled with 1 µF capacitors (see
Figure 61 for a simplified schematic). Alternatively, the differential
inputs may be configured as a single ended input by applying the
reference frequency at REFP and bypassing REFN to GND with a 1
µF capacitor (see Figure 80).
Figure 61. Reference Input Stage
A high quality signal must be applied to the REFP and REFN inputs
because they provide the frequency reference to the entire PLL.
To achieve the in-band phase noise performance of the PLL, apply
a continuous waveform signal or a square wave with a slew rate
of at least 1000 V/µs. See the Reference Source Considerations
section for more information on reference input signal requirements
and interfacing.
When the REF_SEL bit is set to 0, the DMA buffer is selected. The
DMA is optimized for high slew rate signals, such as square waves
or higher frequency and higher amplitude sine waves. The DMA
has a controlled propagation delay from the reference input to clock
output, which eases time zero and over temperature multichip clock
alignment.
When the REF_SEL bit is set to 1, the LNA is selected. The LNA
is optimized for low slew rate signals, such as lower frequency or
lower amplitude sine waves.
The REF_SEL bit must be set correctly to optimize the in-band
phase noise performance and propagation delay. See Table 7,
Figure 37, and Equation 8 for recommended settings.
Table 7. REF_SEL Programming
REF_SEL Sine Wave Slew Rate (V/µs)
Square Wave
Optimized tPD
0
≥1500
Preferred
Yes
1
<1500
Not applicable
Not applicable
To calculate the slew rate of sine wave,
Slew Rate =2×π×f×V
(8)
where:
f = sine wave frequency
V = sine wave amplitude (in VPK)
The FILT_REF bit controls the low-pass filter of the reference input
LNA and must be set for sine wave signals based on fREF to limit
the wideband noise of the input reference signal. The FILT_REF bit
must be set correctly to reach the LNORM normalized in-band phase
noise floor. See Table 8 for recommended settings. Square wave
inputs must have FILT_REF set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com