Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4377 Datasheet(PDF) 40 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 36Page - Analog Devices ADF4377 Datasheet HTML 37Page - Analog Devices ADF4377 Datasheet HTML 38Page - Analog Devices ADF4377 Datasheet HTML 39Page - Analog Devices ADF4377 Datasheet HTML 40Page - Analog Devices ADF4377 Datasheet HTML 41Page - Analog Devices ADF4377 Datasheet HTML 42Page - Analog Devices ADF4377 Datasheet HTML 43Page - Analog Devices ADF4377 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
Data Sheet
ADF4377
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 40 of 79
Table 38. ADF4377 Reference to Output Typical Performance Impact
Parameters
Reference and
Feedback Delay
Charge Pump
Bleed Current
Output Invert
Temperature
Coefficient
Minimal, Figure
18 and Figure 21
None, Figure 19
and Figure 22
None
LNORM
< 1 dB, Figure 39 < 1 dB, Figure 36 None
L1/f
< 1 dB, Figure 39 < 4 dB, Figure 36 None
Spurious
Minimal
fPFD ≥ 50 MHz:
minimal, fPFD < 50
MHz, contact ADI
Minimal
Lock Detector
None
See the Lock
Detector section
None
Figure 39 and Figure 37 show a general trend that an increasing
magnitude of R_DEL, N_DEL, or BLEED_I bit fields, Bits[9:0] caus-
es a small increase in LNORM and L1/f . Increases in LNORM and L1/f
result in clock jitter (see Figure 12 and Figure 15). Therefore, in the
most performance sensitive applications, identifying ways to mini-
mize the magnitude of the R_DEL, N_DEL, or BLEED_I bit fields,
Bits[9:0] values is desired. As an example, Figure 91 provides two
skew adjustment methods to minimize the skew in Figure 90. Meth-
od 1 only adjusts one of the reference to output delay adjustments
provided in Table 37. Method 1 results in an R_DEL, N_DEL, or
BLEED_I bit fields, Bits[9:0] maximum adjustment equal to half an
output cycle, or 1/(2 × fOUT). Method 2 minimizes the magnitude
of R_DEL, N_DEL, or BLEED_I bit fields, Bits[9:0] by utilizing the
output invert along with either R_DEL, N_DEL, or BLEED_I bit
fields, Bits[9:0] adjustments. When compared to Method 1, Method
2 results in a lower R_DEL, N_DEL, or BLEED_I bit fields, Bits[9:0]
maximum adjustment of a quarter cycle output cycle, or 1/(4 ×
fOUT). Method 2 is furthered described in Table 39.
Figure 91. Skew Adjustment Methods
Table 39. Method 2: Skew Adjustment
tSKEW_SYSTEM
Procedure
0<tSKEW_SYSTEM
≤14×fOUT
INV_CLKOUT = 0 and decrease tPD
1 4×fOUT <tSKEW_SYSTEM
≤24×fOUT
INV_CLKOUT = 1 and increase tPD
2 4×fOUT <tSKEW_SYSTEM
≤34×fOUT
INV_CLKOUT = 1 and decrease tPD
3 4×fOUT <tSKEW_SYSTEM
≤1fOUT
INV_CLKOUT = 0 and increase tPD
DESIGN EXAMPLE 2: JESD204B/C MULTICHIP
CLOCK AND SYSREF ALIGNMENT
This design Example 2 focuses on the system level approach
of ADI to minimize clock skew between converters, such as the
AD9213, that include a time to digital converter (TDC). For detailed
ADF4377 loop filter and register map design, follow the proce-
dure outlined in the Design and Programming Example 1: Single
ADF4377 section. Device specific programming and programming
details of the AD9213 and Stage 1 distribution IC are beyond the
scope of this example.
For this design example, assume the following goals:
Clock two AD9213 devices with two separate ADF4377 devices
Minimize clock skew at time zero
Provide procedure to measure and reduce clock skew errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com