Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4377 Datasheet(PDF) 58 Page - Analog Devices

Part # ADF4377
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4377 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADF4377 Datasheet HTML 54Page - Analog Devices ADF4377 Datasheet HTML 55Page - Analog Devices ADF4377 Datasheet HTML 56Page - Analog Devices ADF4377 Datasheet HTML 57Page - Analog Devices ADF4377 Datasheet HTML 58Page - Analog Devices ADF4377 Datasheet HTML 59Page - Analog Devices ADF4377 Datasheet HTML 60Page - Analog Devices ADF4377 Datasheet HTML 61Page - Analog Devices ADF4377 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
Data Sheet
ADF4377
REGISTER MAP
analog.com
Rev. 0 | 58 of 79
Table 64. Bit Descriptions for REG0019
Bits
Bit Name
Description
Reset
Access
1: power-down.
1
PD_ADC
Power Down the Temperature ADC.
0x0
R/W
0: active. Normal operation.
1: power-down.
0
PD_CALDAC
Power Down the VCO Calibration Digital to Analog Converter (DAC).
0x0
R/W
0: active. Normal operation.
1: power-down. Refer to the Block Power Down Control section.
Address: 0x1A, Reset: 0x83, Name: REG001A
Figure 128.
Table 65. Bit Descriptions for REG001A
Bits
Bit Name
Description
Reset
Access
7
PD_ALL
Main Power Down.
0x1
R/W
0: active.
1: power-down. Does not reset SPI registers to POR state. Refer to the Power-Up and Initialization Sequence
section.
6
PD_RDIV
Power Down the Reference Divider and Doubler.
0x0
R/W
0: active. Normal operation.
1: power-down. Refer to the Block Power Down Control section.
5
PD_NDIV
Power Down the Feedback Divider.
0x0
R/W
0: active. Normal operation.
1: power-down. Refer to the Block Power Down Control section.
4
PD_VCO
Power Down the VCO.
0x0
R/W
0: active. Normal operation.
1: power-down. Refer to the Block Power Down Control section.
3
PD_LD
Power Down the Lock Detector.
0x0
R/W
0: active. Normal operation.
1: power-down. Refer to the Block Power Down Control section.
2
PD_PFDCP
Power Down the PFD and CP.
0x0
R/W
0: active. Normal operation.
1: power-down. Refer to the Block Power Down Control section.
1
PD_CLKOUT1
Power Down Clock Output Buffer to Pins CLK1N and CLK1P.
0x1
R/W
0: active. Normal operation.
1: power-down.
0
PD_CLKOUT2
Power Down Clock Output Buffer to Pins CLK2N and CLK2P.
0x1
R/W
0: active. Normal operation.
1: power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com