| Electronic Components Datasheet Search |
|
ADF4377 Datasheet(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4377 Datasheet(HTML) 43 Page - Analog Devices |
|
43 / 79 page ![]() Data Sheet ADF4377 APPLICATIONS INFORMATION analog.com Rev. 0 | 43 of 79 noise floor of the output, which then impacts the in-band perform- ance of the ADF4377. As a result, the Stage 1 reference and SYSREF distribution IC ∆t blocks are recommended for SYSREF signals only. Skew Measurement, Adjustments and System Error In Figure 92, a TDC is shown in the AD9213. The AD9213 TDC has the ability to measure the time delta between the rising edge of the AD9213 SYSREF input (tSYSREF) and the rising edge of the AD9213 clock input (tCLK) as shown in Equation 26. ∆tCLK_SYSREF=tCLK−tSYSREF (26) To determine the clock skew between the clock inputs of the first AD9213 device and the second AD9213 device, measure the ∆tCLK_SYSREF for both AD9213 devices. ∆tCLK_SYSREFA=tCLKA−tSYSREFA ∆tCLK_SYSREFB=tCLKB−tSYSREFB By making the assumption that the SYSREFA and SYSREFB signals arrive at both AD9213 devices at the same moment in time, the clock to clock skew between both AD9213 devices can be calculated as shown in the following equation. Assume, tSYSREFA − tERROR = tSYSREFB tCLK_SKEW=∆tCLK_SYSREFA−∆tCLK_SYSREFB tCLK_SKEW= tCLKA−tSYSREFA − tCLKB−tSYSREFB substituting, tSYSREFA−tERROR for tSYSREFB tCLK_SKEW=tCLKA−tCLKB+tERROR If care is taken in the Board Layout Considerations section, tERROR limits the clock skew accuracy to roughly 5 ps to 10 ps. This error is due to the sum of errors from the SYSREF output skew from Stage 1, SYSREFA, and SYSREFB electrical trace matching, and the first AD9213 and the second AD9213 TDC measurement error. Contact ADI if less than 5 ps to 10 ps clock skew accuracy at the clock inputs of the AD9213 is required. After tCLK_SKEW is calculated, program the second ADF4377 skew adjustment using Method 2, as shown in Figure 91. After the skew adjustment is programmed, a tCLK_SKEW measurement can be repeated as necessary to further fine tune the adjustment or average out measurement repeatability error. Power-Up, Programming, and Measurement Sequence The following list provides the recommended system level power- up, device programming, and skew measurement sequence: 1. Power up system 2. Program Stage 1 IC, ADF4377 devices, and AD9213 devices to their expected frequency plan 3. Allow temperature of the components to settle 4. Perform clock skew measurement 5. Program skew adjustments per Method 2, as shown in Figure 91 6. Perform JESD204B/C initialization ADC CLOCK AND JITTER CONSIDERATIONS Estimating ADC SNR and Clock Jitter Requirements Adding noise directly to a clean signal reduces its signal-to-noise ratio (SNR). In data acquisition applications, digitizing a clean signal with a noisy clock signal also degrades the SNR. This issue is best explained in the time domain by using jitter instead of phase noise. For this discussion, assume that the jitter is white (flat with frequency) and of Gaussian distribution. Figure 93 shows a sine wave signal entering a typical data acquisi- tion circuit composed of an ADC, an input signal amplifier, and a sampling clock. Also shown in Figure 93 are three signal sampling scenarios for sampling the sine wave at its zero crossing. In the first scenario, a perfect sine wave input is buffered by a noiseless amplifier to drive the ADC. Sampling is performed by a perfect, zero jitter clock. Without any added noise or sampling clock jitter, the digitized output value of the ADC is very clearly determined and perfectly repeatable from cycle to cycle. In the second scenario, a perfect sine wave input is buffered by a noisy amplifier to drive the ADC. Sampling is performed by a perfect, zero jitter clock. The added noise results in an uncertainty in the digitized value, causing an error term that degrades the SNR. The degraded SNR in this scenario, from adding noise to the signal, is expected. In the third scenario, a perfect sine wave input is buffered by a noiseless amplifier to drive the ADC. Sampling is performed by a clock signal with added jitter. Note that as the signal is slewing, the jitter of the clock signal leads to an uncertainty in the digitized value and an error term, like in the second scenario. Again, this error term degrades the SNR. A real-world system has both additive amplifier noise and sample clock jitter. After the signal is digitized, determining the root cause of any SNR degradation, amplifier noise or sampling clock jitter, is essentially impossible. Figure 93. A Typical Data Acquisition Circuit Showing the Sampling Error Effects of a Noisy Amplifier and a Jittery Clock |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |