Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1632 Datasheet(PDF) 22 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 18Page - Microchip Technology MEC1632 Datasheet HTML 19Page - Microchip Technology MEC1632 Datasheet HTML 20Page - Microchip Technology MEC1632 Datasheet HTML 21Page - Microchip Technology MEC1632 Datasheet HTML 22Page - Microchip Technology MEC1632 Datasheet HTML 23Page - Microchip Technology MEC1632 Datasheet HTML 24Page - Microchip Technology MEC1632 Datasheet HTML 25Page - Microchip Technology MEC1632 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 636 page
background image
MEC1632
DS00001592B-page 22
 2012-2018 Microchip Technology Inc.
3.5.6
ANALOG DATA ACQUISITION INTERFACE
TABLE 3-11:
ANALOG DATA ACQUISITION
Note:
The voltage on the pins in Table 3-11 must not exceed 3.6 V or damage to the device will occur.
Analog Data Acquisition Interface
(17 Pins)
Pin Ref. Number
Signal Name
Description
Notes
32
ADC0
ADC channel 1
34
ADC1
ADC channel 2
37
ADC2
ADC channel 3
39
ADC3
ADC channel 4
41
ADC4
ADC channel 5
43
ADC5
ADC channel 6
45
ADC6
ADC channel 7
47
ADC7
ADC channel 8
33
ADC8
ADC channel 9
35
ADC9
ADC channel 10
38
ADC10
ADC channel 11
40
ADC11
ADC channel 12
42
ADC12
ADC channel 13
44
ADC13
ADC channel 14
46
ADC14
ADC channel 15
48
ADC15
ADC channel 16
50
VREF_ADC
ADC Voltage Reference Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com