Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1632 Datasheet(PDF) 23 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 19Page - Microchip Technology MEC1632 Datasheet HTML 20Page - Microchip Technology MEC1632 Datasheet HTML 21Page - Microchip Technology MEC1632 Datasheet HTML 22Page - Microchip Technology MEC1632 Datasheet HTML 23Page - Microchip Technology MEC1632 Datasheet HTML 24Page - Microchip Technology MEC1632 Datasheet HTML 25Page - Microchip Technology MEC1632 Datasheet HTML 26Page - Microchip Technology MEC1632 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 23
MEC1632
3.5.7
FAN TACHOMETER, PWM AND INPUT CAPTURE TIMER INTERFACE
TABLE 3-12:
FAN TACHOMETER AND PWM INTERFACE
3.5.8
GENERAL PURPOSE I/O INTERFACE
TABLE 3-13:
GPIO INTERFACE
FAN PWM & TACHOMETER
(22 Pins)
Pin Ref. Number
Signal Name
Description
Notes
64
FAN_TACH0
Fan Tachometer Input 1/Input Capture Timer
Input 0
66
FAN_TACH1
Fan Tachometer Input 2/Input Capture Timer
Input 1
68
FAN_TACH2
Fan Tachometer Input 3/Input Capture Timer
Input 2
70
FAN_TACH3
Fan Tachometer Input 4/Input Capture Timer
Input 3
82
FAN_TACH4
Fan Tachometer Input 5/Input Capture Timer
Input 4
83
FAN_TACH5
Fan Tachometer Input 6/Input Capture Timer
Input 5
72
PWM0
Pulse Width Modulator Output 0
74
PWM1
Pulse Width Modulator Output 1
76
PWM2
Pulse Width Modulator Output 2
77
PWM3
Pulse Width Modulator Output 3
78
PWM4
Pulse Width Modulator Output 4
79
PWM5
Pulse Width Modulator Output 5
80
PWM6
Pulse Width Modulator Output 6
81
PWM7
Pulse Width Modulator Output 7
120
PWM8
Pulse Width Modulator Output 8
123
PWM9
Pulse Width Modulator Output 9
124
PWM10
Pulse Width Modulator Output 10
125
PWM11
Pulse Width Modulator Output 11
138
PWM12
Pulse Width Modulator Output 12
93
PWM13
Pulse Width Modulator Output 13
136
PWM14
Pulse Width Modulator Output 14
137
PWM15
Pulse Width Modulator Output 15
GPIO Interface
(142 Pins)
Pin Ref. Number
Signal Name
Description
Notes
See Pin Configuration
Table
GPIO
General Purpose Input Output Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com