Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1632 Datasheet(PDF) 100 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 100 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 96Page - Microchip Technology MEC1632 Datasheet HTML 97Page - Microchip Technology MEC1632 Datasheet HTML 98Page - Microchip Technology MEC1632 Datasheet HTML 99Page - Microchip Technology MEC1632 Datasheet HTML 100Page - Microchip Technology MEC1632 Datasheet HTML 101Page - Microchip Technology MEC1632 Datasheet HTML 102Page - Microchip Technology MEC1632 Datasheet HTML 103Page - Microchip Technology MEC1632 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 636 page
background image
MEC1632
DS00001592B-page 100
 2012-2018 Microchip Technology Inc.
Note 7-3
there is accuracy adjustment latency as described in Section 7.4.3, "20 MHz Oscillator," on
page 100.The 20 MHz Oscillator can be disabled using the Power Management Interface.
Note 7-4
this depends on the XTL_SEL bit in the Clock Enable Register.
Note 7-5
an external single-ended 32.768 KHz clock source may be VTR or VBAT powered. Note that higher
than normal VBAT current may occur when VTR transitions from unpowered to powered if the
switching threshold on the external single-ended 32.768 KHz clock source is different than the
internal Power Mux switch threshold.
7.4.3
20 MHZ OSCILLATOR
The MEC1632 Clock Generator includes a high-accuracy, low power, low start-up latency 20 MHz Oscillator.The 20
MHz Oscillator is always enabled except during power up and in the SYSTEM HEAVY SLEEP 3 and SYSTEM DEEP-
EST SLEEP state when the oscillator is stopped by hardware as described in Section 7.4.10, "Power Management Inter-
face," on page 111.The 20 MHz Oscillator timing parameters are shown in Table 7-6.
The 20 MHz Oscillator is reset by VTRGD as described in Section 7.6, "Reset Interface," on page 124 and powered by
a dedicated voltage regulator and power cycled as described in Section 7.4.10.6, "Wake Interface," on page 118.
FIGURE 7-2:
20 MHz Oscillator BLOCK DIAGRAM
FIGURE 7-3:
20 MHz Oscillator LOCK TIME
nPWRDN
START
fOUT
nPWRDN
START
tSTART
fOUT
tPULSE
fOSC
FREQ LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com