Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1632 Datasheet(PDF) 45 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 41Page - Microchip Technology MEC1632 Datasheet HTML 42Page - Microchip Technology MEC1632 Datasheet HTML 43Page - Microchip Technology MEC1632 Datasheet HTML 44Page - Microchip Technology MEC1632 Datasheet HTML 45Page - Microchip Technology MEC1632 Datasheet HTML 46Page - Microchip Technology MEC1632 Datasheet HTML 47Page - Microchip Technology MEC1632 Datasheet HTML 48Page - Microchip Technology MEC1632 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 45
MEC1632
TABLE 3-39:
MULTIPLEXING TABLE (14 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
105
Default: 0
GPIO112
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
105
1
PS2_CLK1A
IOD-12 mA
VTR
VTR/VCC
Low
Note 6
105
2
KSO5
(O/OD)-12 mA
VTR
VTR
105
3
Reserved
Reserved
Reserved
Reserved
106
Default: 0
GPIO113
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
106
1
PS2_DAT1A
IOD-12 mA
VTR
VTR/VCC
Low
Note 6
106
2
KSO6
(O/OD)-12 mA
VTR
VTR
106
3
Reserved
Reserved
Reserved
Reserved
107
Default: 0
GPIO114
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
107
1
PS2_CLK0A
IOD-12 mA
VTR
VTR/VCC
Low
Note 6
107
2
Reserved
Reserved
Reserved
Reserved
107
3
Reserved
Reserved
Reserved
Reserved
108
Default: 0
GPIO115
(I/O/OD)-12 mA
VTR
VTR/VCC
No Gate
108
1
PS2_DAT0A
IOD-12 mA
VTR
VTR/VCC
Low
Note 6
108
2
Reserved
Reserved
Reserved
Reserved
108
3
Reserved
Reserved
Reserved
Reserved
109
VTR1
PWR
PWR
PWR
109
109
109
110
VSS1
PWR
PWR
PWR
110
110
110
111
Default: 0
GPIO070
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
111
1
Reserved
Reserved
Reserved
Reserved
111
2
Reserved
Reserved
Reserved
Reserved
111
3
Reserved
Reserved
Reserved
Reserved
112
Default: 0
GPIO071
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
112
1
Reserved
Reserved
Reserved
Reserved
112
2
Reserved
Reserved
Reserved
Reserved
112
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com