Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1632 Datasheet(PDF) 47 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 43Page - Microchip Technology MEC1632 Datasheet HTML 44Page - Microchip Technology MEC1632 Datasheet HTML 45Page - Microchip Technology MEC1632 Datasheet HTML 46Page - Microchip Technology MEC1632 Datasheet HTML 47Page - Microchip Technology MEC1632 Datasheet HTML 48Page - Microchip Technology MEC1632 Datasheet HTML 49Page - Microchip Technology MEC1632 Datasheet HTML 50Page - Microchip Technology MEC1632 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 47
MEC1632
TABLE 3-41:
MULTIPLEXING TABLE (16 OF 21)
Pin Ref.
Number
MUX
Signal
Buffer Type
Signal
Power Well
Emulated
Power Well
Gated
State
Notes
121
Default: 0
GPIO170
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
121
1
MSCLK
O-8 mA
VTR
VTR
121
2
Reserved
Reserved
Reserved
Reserved
121
3
Reserved
Reserved
Reserved
Reserved
122
Default: 0
GPIO171
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
122
1
MSDATA
O-8 mA
VTR
VTR
122
2
Reserved
Reserved
Reserved
Reserved
122
3
Reserved
Reserved
Reserved
Reserved
123
Default: 0
GPIO133
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
123
1
PWM9
(O/OD)-8T mA
VTR
VTR
123
2
Reserved
Reserved
Reserved
Reserved
123
3
Reserved
Reserved
Reserved
Reserved
124
Default: 0
GPIO134
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
124
1
PWM10
(O/OD)-8T mA
VTR
VTR
124
2
Reserved
Reserved
Reserved
Reserved
124
3
Reserved
Reserved
Reserved
Reserved
125
Default: 0
GPIO135
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
125
1
PWM11
(O/OD)-8T mA
VTR
VTR
125
2
Reserved
Reserved
Reserved
Reserved
125
3
Reserved
Reserved
Reserved
Reserved
126
Default: 0
GPIO042
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
126
1
Reserved
Reserved
Reserved
Reserved
126
2
PECI_DAT
IO-PECI
VREF_VTT
VREF_VTT
Low
126
3
SB-TSI_DAT
SB-TSI
VREF_VTT
VREF_VTT
High
127
Default: 0
GPIO043
(I/O/OD)-8 mA
VTR
VTR/VCC
No Gate
127
1
Reserved
Reserved
Reserved
Reserved
127
2
Reserved
Reserved
Reserved
Reserved
127
3
SB-TSI_CLK
SB-TSI
VREF_VTT
VREF_VTT
High
128
Default: 0
GPIO044
(I/O/OD)-8T mA
VTR
VTR/VCC
No Gate
128
1
VREF_VTT
I
VTR
VTR
No Gate
128
2
Reserved
Reserved
Reserved
Reserved
128
3
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com