Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1632 Datasheet(PDF) 30 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 26Page - Microchip Technology MEC1632 Datasheet HTML 27Page - Microchip Technology MEC1632 Datasheet HTML 28Page - Microchip Technology MEC1632 Datasheet HTML 29Page - Microchip Technology MEC1632 Datasheet HTML 30Page - Microchip Technology MEC1632 Datasheet HTML 31Page - Microchip Technology MEC1632 Datasheet HTML 32Page - Microchip Technology MEC1632 Datasheet HTML 33Page - Microchip Technology MEC1632 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 636 page
background image
MEC1632
DS00001592B-page 30
 2012-2018 Microchip Technology Inc.
at higher frequencies, but performance is not guaranteed (see Table 33-14, “SPI_CLK Frequencies,”
on page 493 and Section 33.9.5.5, "Limits of SPI configurations," on page 487).
3.5.19
GANG PROGRAMMING INTERFACE
TABLE 3-25:
GANG PROGRAMMING INTERFACE
3.6
Pin Multiplexing
Multifunction Pin Multiplexing in the MEC1632 is controlled by the GPIO Interface and illustrated in the Multiplexing
Tables that follow. See Section 3.7, "Notes for Tables in this Chapter," on page 53 for notes that are referenced in the
Pin Multiplexing tables. See Section 24.9.1, "Pin Control Register," on page 396 for pin multiplexing programming
details. See also Section 24.7, "Pin Multiplexing Control," on page 391.
Pin signal functions that exhibit power domain emulation have a different power supply designation in the “Emulated
Power Well” column and “Signal Power Well“ columns of the multiplexing tables in Section 3.6.2. See also Section
3.4.1, "Pin Default State Through Power Transitions," on page 15 for a description of pin states through power transi-
tions.
Several signals that are alternate functions for GPIOs are not selected using the GPIO mux controls. These signals
include the Gang Programmer interface. These signals are not listed in the following tables.
3.6.1
VCC POWER DOMAIN EMULATION
Pin signal functions that exhibit VCC Power Domain Emulation are documented in the multiplexing tables as “Signal
Power Well“= VTR and “Emulated Power Well” = VCC. The System Runtime Supply power VCC is not connected to
the MEC1632. The VCC_PWRGD signal is used to indicate when power is applied to the System Runtime Supply. All
pin signal functions that exhibit VCC power domain emulation are powered by VTR and controlled by the VCC_PWRGD
signal input. Outputs on VCC power domain emulation pin signal functions are tri-stated when VCC_PWRGD is not
asserted and are functional when VCC_PWRGD is active. Inputs on VCC power domain emulation pin signal functions
are gated according as defined by the Gated State column in the following tables.
3.6.2
MULTIPLEXING TABLES
In the following tables, the columns have the following meanings:
3.6.2.1
Pin Ref. Number
Every pin has a reference number. The mapping between pin reference numbers and signal names is summarized in
the first table in this chapter.
Gang Programmer Interface
(14 Pins)
Pin Ref. Number
Signal Name
Description
Notes
20
GANG_MODE
Gang Programmer operating mode control
19
GANG_START
Gang Programmer start control
25
GANG_STROBE
Gang Programmer data latch strobe
26
GANG_FULL
Gang Programmer data flow control
138
GANG_BUSY
Gang Programmer operational status
29
GANG_ERROR
Gang Programmer error status
108
GANG_DATA0
Gang Programmer Flash program data 0
106
GANG_DATA1
Gang Programmer Flash program data 1
104
GANG_DATA2
Gang Programmer Flash program data 2
143
GANG_DATA3
Gang Programmer Flash program data 3
141
GANG_DATA4
Gang Programmer Flash program data 4
139
GANG_DATA5
Gang Programmer Flash program data 5
137
GANG_DATA6
Gang Programmer Flash program data 6
93
GANG_DATA7
Gang Programmer Flash program data 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com