Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1632 Datasheet(PDF) 93 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 93 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 89Page - Microchip Technology MEC1632 Datasheet HTML 90Page - Microchip Technology MEC1632 Datasheet HTML 91Page - Microchip Technology MEC1632 Datasheet HTML 92Page - Microchip Technology MEC1632 Datasheet HTML 93Page - Microchip Technology MEC1632 Datasheet HTML 94Page - Microchip Technology MEC1632 Datasheet HTML 95Page - Microchip Technology MEC1632 Datasheet HTML 96Page - Microchip Technology MEC1632 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 93
MEC1632
CLOCK_CONTROL
This field controls when the host interface will permit the internal ring oscillator to be shut down. The choices are as
follows:
0h:
The host interface will permit the ring oscillator to be shut down if the LPCPD# signal is asserted (sampled low)
1h:
The host interface will permit the ring oscillator to be shut down if the CLKRUN# signals “CLOCK STOP” and there
are no pending serial interrupt requests from devices associated with the MEC1632. The CLKRUN# signals
“CLOCK STOP” by CLKRUN# being high for 5 LPCCLK’s after the raising edge of CLKRUN#.
2h:
The host interface will permit the ring oscillator to be shut down after the completion of every LPC transaction. This
mode may cause an increase in the time to respond to LPC transactions if the ring oscillator is off when the LPC
transaction arrives at the MEC1632
3h:
The ring oscillator is not permitted to shut down as long as the host interface is active.
When the Activate bit in the Activate Register on page 89 is 0, the Host Interface will permit the ring oscillator to be shut
down and the Clock_Control Field is ignored. The Clock_Control Field only effects the Host Interface when the Activate
bit in the Activate Register is 1.
Although the Host Interface can permit the internal oscillator to shut down, it cannot turn the oscillator on in response
to an LPC transaction that occurs while the oscillator is off. In order to restart the oscillator in order to complete an LPC
transaction, EC firmware must enable a wake interrupt on the LPC LFRAME# input. See the Application Note in Section
17.3.5, "Wake Capable Interrupts" for details.
HAND SHAKE
This bit controls throughput of LPC transactions.
When this bit is a ‘0’. the MEC1632 only supports a 33MHz PCI Clock. When this bit is a ‘1’, the MEC1632 supports a
PCI Clock from 24MHz to 33MHz.
6.10.5
BAR INHIBIT REGISTER
BAR_INHIBIT[63:0]
When bit i of the BAR_Inhibit[63:0] field is asserted (‘1’), where i is the logical device number of one of the Host Logical
Devices in the MEC1632, the BAR for the associated device is disabled and its addresses will not be claimed on the
LPC bus, independent of the value of the Valid bit in the BAR. When bit i is not asserted (default), BAR activity for the
Logical Device is based on the Valid bit in the BAR.
All of the BAR_Inhibit[63:0] bits are R/W and have no affect on reserved logical device numbers. The Host Logical
Devices in the MEC1632 are shown in Table 4-2 in Section 4.3.2, "AHB Address Space," on page 59.
TABLE 6-12:
BAR INHIBIT REGISTER
HOST OFFSET
n/a
n/a HOST SIZE
EC ADDRESS
FF_3120h
64-bit EC SIZE
POWER
VTR
0000_0000_0000_0000h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE3 BIT
D63
D62
D61
...
D2
D1
D0
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
BAR_Inhibit[63:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com