Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1632 Datasheet(PDF) 94 Page - Microchip Technology

Part # MEC1632
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 94 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 90Page - Microchip Technology MEC1632 Datasheet HTML 91Page - Microchip Technology MEC1632 Datasheet HTML 92Page - Microchip Technology MEC1632 Datasheet HTML 93Page - Microchip Technology MEC1632 Datasheet HTML 94Page - Microchip Technology MEC1632 Datasheet HTML 95Page - Microchip Technology MEC1632 Datasheet HTML 96Page - Microchip Technology MEC1632 Datasheet HTML 97Page - Microchip Technology MEC1632 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 636 page
background image
MEC1632
DS00001592B-page 94
 2012-2018 Microchip Technology Inc.
6.10.6
BAR INIT REGISTER
BAR_INIT
This field is loaded into the LPC BAR located at LPC Logical Device Configuration Register offset at offset 60h on
nSIO_RESET.
6.10.7
MEM BAR INHIBIT REGISTER
MEM BAR_INHIBIT[63:0]
When bit i of the Mem BAR_Inhibit[63:0] field is asserted (‘1’), where i is the logical device number of one of the Host
Logical Devices in the MEC1632, the BAR for the associated device is disabled and its LPC Memory addresses will not
be claimed on the LPC bus, independent of the value of the Valid bit in the BAR. When bit i is not asserted (default),
BAR activity for the Logical Device is based on the Valid bit in the BAR.
All of the Mem BAR_Inhibit[63:0] bits are R/W and have no affect on reserved logical device numbers. The Host Log-
ical Devices in the MEC1632 are shown in Table 4-2 in Section 4.3.2, "AHB Address Space," on page 59.
TABLE 6-13:
BAR INIT REGISTER
HOST OFFSET
N/A
N/A HOST SIZE
EC ADDRESS
FF_3130h
16-bit EC SIZE
POWER
VTR
02Eh nSYS_RST DEFAULT
BUS
LPC SPB
BYTE0 BIT
D15
D14
D13
...
D2
D1
D0
HOST TYPE
-
----
-
-
-
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
BAR_Init
TABLE 6-14:
MEM BAR INHIBIT REGISTER
HOST OFFSET
n/a
n/a HOST SIZE
EC ADDRESS
FF_3140h
64-bit EC SIZE
POWER
VTR
0000_0000_0000_0000h nSYS_RST DEFAULT
BUS
LPC SPB
BYTE3 BIT
D63
D62
D61
...
D2
D1
D0
HOST TYPE
––
–
–
–
–
–
–
EC TYPE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT NAME
Mem BAR_Inhibit[63:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com