Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 3Page - STMicroelectronics STW81102ATR Datasheet HTML 4Page - STMicroelectronics STW81102ATR Datasheet HTML 5Page - STMicroelectronics STW81102ATR Datasheet HTML 6Page - STMicroelectronics STW81102ATR Datasheet HTML 7Page - STMicroelectronics STW81102ATR Datasheet HTML 8Page - STMicroelectronics STW81102ATR Datasheet HTML 9Page - STMicroelectronics STW81102ATR Datasheet HTML 10Page - STMicroelectronics STW81102ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
STW81102
Block diagram and pin configuration
7/43
1.2
Pin configuration
Figure 2.
Pin connection (top view)
Table 1.
Pin description
Pin No
Name
Description
Observation
1
VDD_VCOA
VCOA power supply
2
VDD_DIV2
Divider by 2 power supply
3
VDD_OUTBUF
Output buffer power supply
4
OUTBUFP
LO buffer positive output
Open collector
5
OUTBUFN
LO buffer negative output
Open collector
6
VDD_DIV4
Divider by 4 power supply
7
VDD_VCOB
VCOB power supply
8
VDD_ESD
ESD positive rail power supply
9
VCTRL
VCO control voltage
10
ICP
PLL charge pump output
11
REXT
External resistance connection for
PLL charge pump
12
VDD_CP
Power supply for charge pump
13
TEST1
Test input 1
Test purpose only; must
be connected to GND
14
LOCK_DET
Lock detector
CMOS Output
VFQFPN28
OUTBUFN
VDD_DIV4
VDD_DIV2
VDD_OUTBUF
VDD_BUFVCO
EXTVCO_INN
VDD_PLL
TEST2
VDD_VCOB
REF_CLK
VDD_VCOA
DBUS_SEL
OUTBUFP
EXTVCO_INP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com