Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 24Page - STMicroelectronics STW81102ATR Datasheet HTML 25Page - STMicroelectronics STW81102ATR Datasheet HTML 26Page - STMicroelectronics STW81102ATR Datasheet HTML 27Page - STMicroelectronics STW81102ATR Datasheet HTML 28Page - STMicroelectronics STW81102ATR Datasheet HTML 29Page - STMicroelectronics STW81102ATR Datasheet HTML 30Page - STMicroelectronics STW81102ATR Datasheet HTML 31Page - STMicroelectronics STW81102ATR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
I2C bus interface
STW81102
28/43
and P is the selected Prescaler Modulus
5.3.6
CALIBRATION
This register controls VCO calibrator.
INITCAL:
resets the auto-calibrator State Machine (writing to "1" and back to "0")
SERCAL:
at "1" starts the VCO auto-calibration (should be reset to "0" at the end of
calibration)
SELEXTCAL: test purpose only; must be set to '0'
CAL[4:0]:
test purpose only; must be set to '0'
5.3.7
READ-ONLY register
This register is automatically addressed in the 'current byte address read mode'.
DEV_ID[1:0]:
device identifier bits; returns '00'
LOCK_DET:
"1" when PLL is locked
INTCAL[4:0]:
internal value of the VCO control word
5.3.8
Default configuration
At Power On Reset the following configuration is automatically loaded:
–
FUNCTIONAL MODE = 1 (VCOA with divided by 2 output)
–
A COUNTER = 8
–
B COUNTER = 562
–
R DIVIDER = 192
–
PLL_A[1:0] = [10]
–
CP_SEL[2:0] = [111]
–
PSC_MOD_SEL set to "0" (Modulus = 16)
This is corresponding to an output frequency of 1800MHz and a PFD frequency of 400KHz
using a 76.8MHz reference clock (calibration algorithm of the VCO is automatically started).
1
for Direct Output
where DR equals
0.5
for Output Divided by 2
0.25
for Output Divided by 4
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
INIT
CAL
SER
CAL
SEL
EXT
CAL
CAL4
CAL3
CAL2
CAL1
CAL0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
DEV_ID1
DEV_ID0
LOCK_
DET
INT
CAL4
INT
CAL3
INT
CAL2
INT
CAL1
INT
CAL0
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com