Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 34 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 30Page - STMicroelectronics STW81102ATR Datasheet HTML 31Page - STMicroelectronics STW81102ATR Datasheet HTML 32Page - STMicroelectronics STW81102ATR Datasheet HTML 33Page - STMicroelectronics STW81102ATR Datasheet HTML 34Page - STMicroelectronics STW81102ATR Datasheet HTML 35Page - STMicroelectronics STW81102ATR Datasheet HTML 36Page - STMicroelectronics STW81102ATR Datasheet HTML 37Page - STMicroelectronics STW81102ATR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
SPI digital interface
STW81102
34/43
6.3.1
Default configuration
At Power On Reset the following configuration is automatically loaded:
–
FUNCTIONAL MODE = 1 (VCOA with divided by 2 output)
–
A COUNTER = 8
–
B COUNTER = 562
–
R DIVIDER = 192
–
PLL_A[1:0] = [10]
–
CP_SEL[2:0] = [111]
–
PSC_MOD_SEL set to "0" (Modulus = 16)
This is corresponding to an output frequency of 1800MHz and a PFD frequency of 400KHz
using a 76.8MHz reference clock (calibration algorithm of the VCO is automatically started).
6.4
VCO calibration procedure
The calibration of the VCO center frequency is activated by a '0' to '1' transition of the
SERCAL bit (ST1 Register bit[6]).
In order to program properly the device, ensuring the VCO calibration, the following
procedure is required before every channel change:
a)
Program the ST1 Register with the desired settings (R counter, VCO amplitude,
Charge Pump, Prescaler Modulus) and SERCAL bit set to '0'
b)
Program the ST2 Register with the desired settings (Functional mode, B and A
counters)
c)
Program the ST1 Register with the desired settings (R counter, VCO amplitude,
Charge Pump, Prescaler Modulus) and SERCAL bit set to '1'
The maximum allowed PFD frequency (fPFD) to perform the calibration process is 1 MHz; if
the desired fPFD is higher than 1MHz the following steps are needed:
–
Perform all the steps of the calibration procedure programming the desired VCO
frequency with a proper setting of R, B and A counter so that fPFD is ≤ 1MHz.
–
Program the device with the proper setting for the desired VCO and PFD
frequencies according to the above step a) and b) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com