Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 15Page - STMicroelectronics STW81102ATR Datasheet HTML 16Page - STMicroelectronics STW81102ATR Datasheet HTML 17Page - STMicroelectronics STW81102ATR Datasheet HTML 18Page - STMicroelectronics STW81102ATR Datasheet HTML 19Page - STMicroelectronics STW81102ATR Datasheet HTML 20Page - STMicroelectronics STW81102ATR Datasheet HTML 21Page - STMicroelectronics STW81102ATR Datasheet HTML 22Page - STMicroelectronics STW81102ATR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
STW81102
General description
19/43
Figure 17.
PFD diagram
4.1.6
Lock detect
This signal indicates that the difference between rising edges of both UP and DOWN PFD
signals is found to be shorter than the fixed delay (roughly 5 ns). Lock Detect signal is high
when the PLL is locked. When Power Down is activated, Lock Detect is let to high level
(Lock Detect consumes current only during PLL transients).
4.1.7
Charge pump
This block drives two matched current sources, Iup and Idown, which are controlled
respectively by UP and DOWN PFD outputs. The nominal value of the output current is
controlled by an external resistor (to be connected to the REXT input pin) and a selection
among 8 by a 3 bit word.
The minimum value of the output current is: IMIN = 2*VBG/REXT (VBG~1.17 V)
Note:
The current is output on pin ICP. During the VCO auto calibration, ICP and VCTRL pins are
forced to VDD/2
D FF
R
Fref
VDD
R
D FF
Fref
VDD
Delay
Up
Down
ABL
Table 7.
Current value vs selection
CPSEL2
CPSEL1
CPSEL0
Current
Value for REXT=4.7 K
Ω
000
IMIN
0.5 mA
001
2*IMIN
1.0 mA
010
3*IMIN
1.5 mA
011
4*IMIN
2.0 mA
100
5*IMIN
2.5 mA
101
6*IMIN
3.0 mA
110
7*IMIN
3.5 mA
111
8*IMIN
4.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com