Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 5Page - STMicroelectronics STW81102ATR Datasheet HTML 6Page - STMicroelectronics STW81102ATR Datasheet HTML 7Page - STMicroelectronics STW81102ATR Datasheet HTML 8Page - STMicroelectronics STW81102ATR Datasheet HTML 9Page - STMicroelectronics STW81102ATR Datasheet HTML 10Page - STMicroelectronics STW81102ATR Datasheet HTML 11Page - STMicroelectronics STW81102ATR Datasheet HTML 12Page - STMicroelectronics STW81102ATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
STW81102
Electrical specifications
9/43
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Operating conditions
2.3
Digital logic levels
Table 2.
Absolute maximum ratings
Symbol
Parameter
Values
Unit
AVCC
Analog Supply voltage
0 to 4.6
V
DVCC
Digital Supply voltage
0 to 4.6
V
Tstg
Storage temperature
-65 to 150
°C
ESD
Electrical Static Discharge
- HBM(1)
- CDM-JEDEC Standard
- MM
4
1.5
0.2
KV
1.
The maximum rating of the ESD protection circuitry on pin 4 and pin 5 is 800V.
Table 3.
Operating conditions (Refer to application diagram)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
AVDD
Analog Supply voltage
3.0
3.3
3.6
V
DVDD
Digital Supply voltage
3.0
3.3
3.6
V
IVDD1
VDD1 Current Consumption
100
mA
IVDD2
VDD2 Current Consumption
15
mA
Tamb
Operating ambient
temperature
-40
85
°C
Tj
Maximum junction
temperature
125
°C
Rth j-amb
Junction to ambient package
thermal resistance
Multilayer JEDEC board
35
°C/W
Table 4.
Digital logic levels
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Vil
Low level input voltage
0.2*Vdd
V
Vih
High level input voltage
0.8*Vdd
V
Vhyst
Schmitt trigger hysteresis
0.8
V
Vol
Low level output voltage
0.4
V
Voh
High level output voltage
0.85*Vdd
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com