Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 17Page - STMicroelectronics STW81102ATR Datasheet HTML 18Page - STMicroelectronics STW81102ATR Datasheet HTML 19Page - STMicroelectronics STW81102ATR Datasheet HTML 20Page - STMicroelectronics STW81102ATR Datasheet HTML 21Page - STMicroelectronics STW81102ATR Datasheet HTML 22Page - STMicroelectronics STW81102ATR Datasheet HTML 23Page - STMicroelectronics STW81102ATR Datasheet HTML 24Page - STMicroelectronics STW81102ATR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
STW81102
General description
21/43
The SERCAL bit should be set to "1" at each division ratio change. It should be noted that in
order to reset the autocalibrator State Machine after a power-up, and anyway before the first
calibration, the INITCAL bit should be set to "1" and back to "0" (this operation is
automatically performed by the Power On Reset circuitry). The calibration takes
approximately 7 periods of the PFD Frequency.
The maximum allowed fPFD to perform the calibration process is 1 MHz. Using an higher
FPFD the following procedure should be adopted:
1.
Calibrate the VCO at the desired frequency with an fPFD less than 1 MHz
2.
Set the A, B and R dividers ratio for the desired fPFD
VCO Voltage Amplitude Control
The voltage swing of the VCOs can be adjusted over 4 levels by means of two dedicated
programming bits (PLL_A1 and PLL_A0). Higher amplitudes provide best phase noise while
lower ones save power.
The following table gives the voltage level expected on the resonator nodes, the current
consumption and the phase noise @1MHz.
Table 8.
VCO A performances vs. amplitude setting (Freq=3.3GHz)
PLL_A[1:0]
Differential
voltage swing (Vp)
Current
Consumption (mA)
PN @1MHz (dBc/Hz)
00
1.1
16
-125
01
1.3
18
-126
10
1.9
27
-128.5
11
2.1
30
-129
Table 9.
VCO B performances vs. amplitude setting (Freq=4.3GHz)
PLL_A[1:0]
Differential
voltage swing (Vp)
Current
Consumption (mA)
PN @1MHz (dBc/Hz)
00
1.1
11
-124
01
1.3
14
-125
10
1.9
20
-127.5
11
2.1
22
-128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com