Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 26Page - STMicroelectronics STW81102ATR Datasheet HTML 27Page - STMicroelectronics STW81102ATR Datasheet HTML 28Page - STMicroelectronics STW81102ATR Datasheet HTML 29Page - STMicroelectronics STW81102ATR Datasheet HTML 30Page - STMicroelectronics STW81102ATR Datasheet HTML 31Page - STMicroelectronics STW81102ATR Datasheet HTML 32Page - STMicroelectronics STW81102ATR Datasheet HTML 33Page - STMicroelectronics STW81102ATR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
SPI digital interface
STW81102
30/43
6
SPI digital interface
6.1
General features
The SPI digital interface is selected by hardware connection of the pin #21 (DBUS_SEL) to
3.3V.
The STW81102 IC is programmed by means of a high-speed serial-to-parallel interface with
write option only. The 3-wires bus can be clocked at a frequency as high as 100MHz to allow
fast programming of the registers containing the data for RF IC configuration.
The programming of the chip is done through serial words with whole length of 26 bits. The
first 2 MSB represent the address of the registers. The others 24 LSB represent the value of
the registers.
Each Data bit is stored in the internal shift register on the rising edge of the CLOCK signal.
On the rising edge of the LOAD signal the outputs of the selected register are sent to the
device.
Figure 26.
SPI input and output bit order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com