Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 27Page - STMicroelectronics STW81102ATR Datasheet HTML 28Page - STMicroelectronics STW81102ATR Datasheet HTML 29Page - STMicroelectronics STW81102ATR Datasheet HTML 30Page - STMicroelectronics STW81102ATR Datasheet HTML 31Page - STMicroelectronics STW81102ATR Datasheet HTML 32Page - STMicroelectronics STW81102ATR Datasheet HTML 33Page - STMicroelectronics STW81102ATR Datasheet HTML 34Page - STMicroelectronics STW81102ATR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
STW81102
SPI digital interface
31/43
6.2
Timing specification
Figure 27.
SPI Timing specification
Table 18.
SPI data structure
MSB
LSB
Address
Data for Register (24 bits)
A1
A0 D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 19.
Address decoder and outputs
Address
Outputs
A1
A0
DATABITS
D23-D0
No
Name
Function
00
24
0
ST1
Reference divider, VCO amplitude,
VCO Calibration, Charge Pump
current, Prescaler Modulus
0
1
24
1
ST2
Functional modes, VCO dividers
1
0
24
2
ST3
Reserved
1
1
24
3
ST4
Reserved
Table 20.
SPI Timing specification
Parameter
Description
Min.
Typ.
Max.
Unit
tsetup
DATA to CLOCK setup time
0.8
ns
thold
DATA to clock hold time
0.2
ns
tclk
CLOCK cycle period
10
ns
tload
LOAD pulse width
3
ns
tclk_loadr
CLOCK to LOAD rising edge
2
ns
tclk_loadf
CLOCK to LOAD falling edge
0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com