Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 14Page - STMicroelectronics STW81102ATR Datasheet HTML 15Page - STMicroelectronics STW81102ATR Datasheet HTML 16Page - STMicroelectronics STW81102ATR Datasheet HTML 17Page - STMicroelectronics STW81102ATR Datasheet HTML 18Page - STMicroelectronics STW81102ATR Datasheet HTML 19Page - STMicroelectronics STW81102ATR Datasheet HTML 20Page - STMicroelectronics STW81102ATR Datasheet HTML 21Page - STMicroelectronics STW81102ATR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
General description
STW81102
18/43
4.1.4
A and B counters
The A (5 bits) and B (12 bits) counters, in conjunction with the selected dual modulus (16/17
or 19/20) prescaler make it possible to generate output frequencies which are spaced only
by the reference frequency divided by the reference division ratio. Thus, the division ratio
and the VCO output frequency are given by these formulas:
N = B · P + A
where:
Fvco: output frequency of VCO.
P: modulus of dual modulus prescaler (16 or 19 selected through the digital interface).
B: division ratio of the main counter.
A: division ratio of the swallow counter.
Fref: input reference frequency.
R: division ratio of reference counter.
N: division ratio of PLL
For a correct work of the VCO divider, B must be strictly higher than A. A can take any value
ranging from 0 to 31. The range of the N number can vary from 256 to 65551 (P=16) or from
361 to 77836 (P=19).
Figure 16.
VCO Divider Diagram
4.1.5
Phase frequency detector (PFD)
The PFD takes inputs from the reference and the VCO dividers and produces an output
proportional to the phase error. The PFD includes a delay gate that controls the width of the
anti-backlash pulse. This pulse ensures that there is no dead zone in the PFD transfer
function.
Figure 17 is a simplified schematic of the PFD.
F
vco
BP
A
+
⋅
() F
ref
⋅
R
------------------------------------------
=
5 bit
A counter
12 bit
B counter
To PFD
modulus
VCOBUF+
VCOBUF-
Prescaler
16/17 or 19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com