Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 25Page - STMicroelectronics STW81102ATR Datasheet HTML 26Page - STMicroelectronics STW81102ATR Datasheet HTML 27Page - STMicroelectronics STW81102ATR Datasheet HTML 28Page - STMicroelectronics STW81102ATR Datasheet HTML 29Page - STMicroelectronics STW81102ATR Datasheet HTML 30Page - STMicroelectronics STW81102ATR Datasheet HTML 31Page - STMicroelectronics STW81102ATR Datasheet HTML 32Page - STMicroelectronics STW81102ATR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
STW81102
I2C bus interface
29/43
5.4
VCO calibration procedure
The calibration of the VCO center frequency is activated by a '0' to '1' transition of the
SERCAL bit (CALIBRATION Register bit[6]).
In order to program properly the device, ensuring the VCO calibration, the following
procedure is required before every channel change:
a)
Reset the "CALIBRATION" Register using a single-byte write sequence (sub-
address 05H) with all the bits set to '0'
b)
Program all the Registers using a multi-byte write sequence with the desired
settings (Functional Mode, B and A counters, R counter, VCO amplitude, Charge
Pump, Prescaler Modulus) and the SERCAL bit of the "CALIBRATION" Register
(05H) set to '1'
The maximum allowed PFD frequency (fPFD) to perform the calibration process is 1 MHz; if
the desired fPFD is higher than 1MHz the following steps are needed:
–
Perform all the steps of the calibration procedure programming the desired VCO
frequency with a proper setting of R, B and A counter so that fPFD is ≤ 1MHz.
–
Program the device with the proper setting for the desired VCO and PFD
frequencies according to the above step b) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com