Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 29Page - STMicroelectronics STW81102ATR Datasheet HTML 30Page - STMicroelectronics STW81102ATR Datasheet HTML 31Page - STMicroelectronics STW81102ATR Datasheet HTML 32Page - STMicroelectronics STW81102ATR Datasheet HTML 33Page - STMicroelectronics STW81102ATR Datasheet HTML 34Page - STMicroelectronics STW81102ATR Datasheet HTML 35Page - STMicroelectronics STW81102ATR Datasheet HTML 36Page - STMicroelectronics STW81102ATR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
STW81102
SPI digital interface
33/43
The LO output frequency is programmed by setting the proper value for A,B and R
according to the following formula:
and P is the selected Prescaler Modulus
Table 22.
Bits (Serial Interface Address = 01h; Register name = ST2)
Bit
Name
Description
[23]
PD6
DEVICE FUNCTIONAL MODES
0. Power down
1. Enable VCO A, output frequency divided by 2
2. Enable VCO B, output frequency divided by 2
3. Enable external VCO, output frequency divided by 2
4. Enable VCO A, output frequency divided by 4
5. Enable VCO B, output frequency divided by 4
6. Enable external VCO, output frequency divided by 4
7. Enable VCO A, direct output
8. Enable VCO B, direct output
9. Enable external VCO, direct output
[22]
PD5
[21]
PD4
[20]
PD3
[19]
PD2
[18]
PD1
[17]
PD0
[16]
B11
B Counter Bits
[15]
B10
[14]
B9
[13]
B8
[12]
B7
[11]
B6
[10]
B5
[9]
B4
[8]
B3
[7]
B2
[6]
B1
[5]
B0
[4]
A4
A Counter Bits
[3]
A3
[2]
A2
[1]
A1
[0]
A0
1
for Direct Output
where DR equals
0.5
for Output Divided by 2
0.25
for Output Divided by 4
F
OUT
D
R
BP
A
+
⋅
()
F
REF_CLK
R
----------------------------
⋅⋅
=
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com