Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81102ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW81102ATR
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW81102ATR Datasheet HTML 18Page - STMicroelectronics STW81102ATR Datasheet HTML 19Page - STMicroelectronics STW81102ATR Datasheet HTML 20Page - STMicroelectronics STW81102ATR Datasheet HTML 21Page - STMicroelectronics STW81102ATR Datasheet HTML 22Page - STMicroelectronics STW81102ATR Datasheet HTML 23Page - STMicroelectronics STW81102ATR Datasheet HTML 24Page - STMicroelectronics STW81102ATR Datasheet HTML 25Page - STMicroelectronics STW81102ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
I2C bus interface
STW81102
22/43
5
I2C bus interface
The I2C bus interface is selected by hardware connection of the pin #21 (DBUS_SEL) to 0 V.
Data transmission from microprocessor to the STW81102 takes place through the 2 wires
(SDA and SCL) I2C-BUS interface. The STW81102 is always a slave device.
The I2C-bus protocol defines any device that sends data on to the bus as a transmitter and
any device that reads the data as receiver. The device that controls the data transfer is
known as the Master and the others as the slave. The master will always initiate the transfer
and will provide the serial clock for synchronization.
5.1
General features
5.1.1
Data validity
Data changes on the SDA line must only occur when the SCL is LOW. SDA transitions while
the clock is HIGH are used to identify START or STOP condition.
Figure 20.
Data validity
5.1.2
START condition
A Start condition is identified by a HIGH to LOW transition of the data bus SDA while the
clock signal SCL is stable in the HIGH state. A Start condition must precede any command
for data transfer.
5.1.3
STOP condition
A LOW to HIGH transition of the data bus SDA identifies stop while the clock signal SCL is
stable in the HIGH state. A STOP condition terminates communications between the
STW81102 and the Bus Master.
SDA
SCL
CHANGE
DATA
ALLOWED
DATA LINE
STABLE DATA
VALID
SDA
SCL
CHANGE
DATA
ALLOWED
DATA LINE
STABLE DATA
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com