Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 17 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 17 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 13Page - Texas Instruments MCT8317A Datasheet HTML 14Page - Texas Instruments MCT8317A Datasheet HTML 15Page - Texas Instruments MCT8317A Datasheet HTML 16Page - Texas Instruments MCT8317A Datasheet HTML 17Page - Texas Instruments MCT8317A Datasheet HTML 18Page - Texas Instruments MCT8317A Datasheet HTML 19Page - Texas Instruments MCT8317A Datasheet HTML 20Page - Texas Instruments MCT8317A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 161 page
background image
8.3 Feature Description
8.3.1 Output Stage
The MCT8317A consists of an integrated 130-mΩ (high-side + low-side) NMOS FETs connected in a three-
phase bridge configuration. A doubler charge pump provides the proper gate-bias voltage to the high-side
NMOS FETs across a wide operating-voltage range in addition to providing 100% duty-cycle support. An internal
linear regulator provides the gate-bias voltage for the low-side MOSFETs.
8.3.2 Device Interface
MCT8317A supports I2C interface to provide end application design with adequate flexibility. MCT8317A allows
controlling the motor operation and system through BRAKE, DIR, EXT_CLK, EXT_WD and SPEED/WAKE pins.
MCT8317A also provides different signals for monitoring algorithm variables, speed, fault and phase current
feedback through DACOUT1, DACOUT2, FG, nFAULT, ALARM and SOX pins.
8.3.2.1 Interface - Control and Monitoring
Motor Control Signals
• When BRAKE pin is driven 'High', MCT8317A enters brake state. Low-side braking (see Low-Side
Braking) is implemented during this brake state. MCT8317A decreases output speed to value defined by
BRAKE_DUTY_THRESHOLD before entering brake state. As long as BRAKE is driven 'High', MCT8317A
stays in brake state. Brake pin input can be overwritten by configuring BRAKE_INPUT over the I2C interface.
• The DIR pin decides the direction of motor spin; when driven 'High', the sequence is OUT A → OUT C →
OUT B, and when driven 'Low' the sequence is OUT A → OUT B → OUT C. DIR pin input can be overwritten
by configuring DIR_INPUT over the I2C interface.
• SPEED/WAKE pin is used to control motor speed and wake up MCT8317A from sleep mode. SPEED pin can
be configured to accept PWM, frequency or analog input signals. It is used to enter and exit from sleep and
standby mode (see Table 8-2).
External Oscillator and Watchdog Signals (Optional)
• EXT_CLK pin may be used to provide an external clock reference (see External Clock Source ).
• EXT_WD pin may be used to provide an external watchdog signal (see External Watchdog).
Output Signals
• DACOUT1 outputs internal variable defined by address in register DACOUT1_VAR_ADDR, the output of
DACOUT1 is refreshed every PWM cycle (see DAC outputs).
• DACOUT2 outputs internal variable defined by address in register DACOUT2_VAR_ADDR, the output of
DACOUT2 is refreshed every PWM cycle (see DAC outputs).
• FG pin provides pulses which are proportional to motor speed (see FG Configuration).
• nFAULT pin provides fault status in device or motor operation.
• SOX pin provides the output of one of the current sense amplifiers.
8.3.2.2 I2C Interface
The MCT8317A supports an I2C serial communication interface that allows an external controller to send and
receive data. This I2C interface lets the external controller configure the EEPROM and read detailed fault and
motor state information. The I2C bus is a two-wire interface using the SCL and SDA pins which are described as
follows:
• The SCL pin is the clock signal input.
• The SDA pin is the data input and output.
8.3.3 AVDD Linear Voltage Regulator
A 3.3-V linear regulator is integrated into the MCT8317A and is available for use by external circuitry. The AVDD
regulator is used for powering up the internal circuitry of the device and additionally, this regulator can also
provide the supply voltage for an external low-power MCU or other circuitry supporting low current (up to 20 mA).
The AVDD nominal, no-load output voltage is 3.3-V.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com