Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 45 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 45 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 41Page - Texas Instruments MCT8317A Datasheet HTML 42Page - Texas Instruments MCT8317A Datasheet HTML 43Page - Texas Instruments MCT8317A Datasheet HTML 44Page - Texas Instruments MCT8317A Datasheet HTML 45Page - Texas Instruments MCT8317A Datasheet HTML 46Page - Texas Instruments MCT8317A Datasheet HTML 47Page - Texas Instruments MCT8317A Datasheet HTML 48Page - Texas Instruments MCT8317A Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 161 page
background image
Kp
Ki
+
-
Z
-1
+
+
SPEED_REF
SPEED_MEAS
OUT
SPEED_PI_OUT
VMAX
VMIN
Switch Close
If VMIN<OUT <VMAX
+
+
DUTY CMD
MAX_SPEED
Figure 8-32. Speed Loop
8.3.12 Input Power Regulation
MCT8317A provides an option of regulating the (input) power instead of motor speed - this input power
regulation can be done in two modes, namely, closed loop power control and power limit control. Input power
regulation (instead of motor speed) mode is selected by setting CLOSED_LOOP_MODE to 10b. This should
be accompanied by setting CONST_POWER_MODE to 01b for closed loop power control or to 10b for power
limit control. In either of the power regulation modes, the maximum power that MCT8317A can draw from the
DC input supply is set by MAX_POWER - the power reference (POWER_REF in Figure 8-33) varies as function
of the duty command input (DUTY_CMD) and MAX_POWER as given by Equation 4. The hysteresis band for
the power reference is set by CONST_POWER_LIMIT_HYST. In both the power regulation modes, the minimum
power reference is set by MIN_DUTY x MAX_POWER.
POWER_REF = DUTY_CMD x MAX_POWER
(4)
In both the power regulation modes, MCT8317A uses the same PI controller parameters as in the speed loop
mode. Kp and Ki coefficients are configured through SPD_POWER_KP and SPD_POWER_KI. The PI controller
output upper (VMAX) and lower bound (VMIN) saturation limits are configured through SPD_POWER_V_MAX
and SPD_POWER_V_MIN respectively. The key difference between closed loop power control and power
limit control is in the when the PI controller decides the DUTY_OUT (see Figure 8-8) applied to FETs.
In closed loop power control, DUTY_OUT is always equal to POWER_PI_OUT from the PI controller
output in Figure 8-33. However, in power limit control, the PI controller decides the DUTY_OUT only if
POWER_MEAS > POWER_REF + CONST_POWER_LIMIT_HYST. If POWER_MEAS < POWER_REF +
CONST_POWER_LIMIT_HYST, the PI controller is not used and DUTY_OUT is equal to DUTY_CMD.
Essentially, in closed loop power control, input power is always actively regulated to POWER_REF whereas,
in power limit control, input power is only limited to POWER_REF and not actively regulated to POWER_REF.
When output of the power PI loop saturates, the integrator is disabled to prevent integral wind-up.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com