| Electronic Components Datasheet Search |
|
MCT8317A Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MCT8317A Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 161 page ![]() • DUTY_CLAMP2 configures the duty command above which the speed/power reference will be constant at REF_CLAMP2. REF_CLAMP2 configures this constant speed/power reference between DUTY_CLAMP2 and DUTY_OFF2. There is a step change in speed/power reference from REF_E to REF_CLAMP2 at DUTY_E. • DUTY_ON2 configures the duty command below which MCT8317A starts driving the motor (to speed/power reference set by REF_CLAMP2) when the current speed/power reference is zero. When current speed/power reference is zero and duty command is above DUTY_ON2, MCT8317A continues to be in off state and motor is stationary. • DUTY_OFF2 configures the duty command above which the speed/power reference will change from REF_CLAMP2 to REF_OFF2. 8.3.7.5.3 Forward-Reverse Reference Profile DUTY_ON1 DUTY_CMD (%) REFERENCE (SPEED/POWER) REF_CLAMP1 DUTY_OFF1 DUTY_CLAMP1 DUTY_OFF2 DUTY_ON2 DUTY_A DUTY_CLAMP2 DUTY_B DUTY_C DUTY_D DUTY_E REF_CLAMP2 REF_OFF1 REF_OFF2 REF_A REF_D Forward Direction OUT A OUT B OUT C Reverse Direction OUT A OUT C OUT B STEP_ HYST_ BAND STEP_ HYST_ BAND Figure 8-16. Forward-Reverse Reference Profile Forward-Reverse speed/power profile can be configured by setting REF_PROFILE_CONFIG to 11b. Forward- Reverse speed/power profile features direction change through adjusting the duty command. DUTY_C configures duty command at which the direction will be changed. The Forward-Reverse speed/power profile can be used to eliminate the separate signal used to control the motor direction. • DUTY_ON1 configures the duty command above which MCT8317A starts driving the motor in the forward direction (to speed/power reference set by REF_CLAMP1) when the current speed/power reference is zero. When current speed/power reference is zero and duty command is below DUTY_ON1, MCT8317A continues to be in off state and motor is stationary. • DUTY_OFF1 configures the duty command below which the speed/power reference changes in the forward direction from REF_CLAMP1 to REF_OFF1. www.ti.com MCT8317A SLLSFQ2 – JANUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 29 Product Folder Links: MCT8317A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |