| Electronic Components Datasheet Search |
|
MCT8317A Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MCT8317A Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 161 page ![]() M VM M VM Driving State Low-Side Braking HSA LSA LSB HSC LSC HSB HSA LSA LSB HSC LSC HSB Figure 8-40. Low-Side Braking The MCT8317A can also enter low-side braking through BRAKE pin input. When BRAKE pin is pulled to HIGH state, the output speed is reduced to a value defined by BRAKE_DUTY_THRESHOLD prior to turning all low-side MOSFETs ON. In this case, MCT8317A stays in low-side brake state till BRAKE pin changes to LOW state. 8.3.17.4 High-Side Braking High-side braking mode is configured by setting MTR_STOP to 011b. When a motor stop command is received, the output speed is reduced to a value defined by ACT_SPIN_BRK_THR prior to turning all high-side MOSFETs ON (see example Figure 8-41) for a time configured by MTR_STOP_BRK_TIME. If the motor speed is below ACT_SPIN_BRK_THR prior to receiving stop command, then the MCT8317A transitions directly into the brake state. After applying the brake for MTR_STOP_BRK_TIME, the MCT8317A transitions into Hi-Z state by turning OFF all MOSFETs. M VM M VM Driving State High-Side Braking HSA LSA LSB HSC LSC HSB HSA LSA LSB HSC LSC HSB Figure 8-41. High-Side Braking 8.3.17.5 Active Spin-Down Active spin down mode is configured by setting MTR_STOP to 100b. When motor stop command is received, MCT8317A reduces duty cycle to ACT_SPIN_BRK_THR and then transitions to Hi-Z state by turning all MOSFETs OFF. The advantage of this mode is that by reducing duty cycle, the motor is decelerated to a lower speed thereby reducing the phase currents before entering Hi-Z. Now, when motor transitions into Hi-Z state, the energy transfer to power supply is reduced. The threshold ACT_SPIN_BRK_THR needs to configured high enough for MCT8317A to not lose synchronization with the motor. 8.3.18 FG Configuration The MCT8317A provides information about the motor speed through the Frequency Generate (FG) pin. In MCT8317A, the FG pin output is configured through FG_CONFIG. When FG_CONFIG is configured to 1b, the FG output is active as long as the MCT8317A is driving the motor. When FG_CONFIG is configured to 0b, the MCT8317A provides an FG output until the motor back-EMF falls below FG_BEMF_THR. MCT8317A SLLSFQ2 – JANUARY 2023 www.ti.com 52 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: MCT8317A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |