| Electronic Components Datasheet Search |
|
MCT8317A Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MCT8317A Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 161 page ![]() Brake Y N Brake_Rou ne Brake_Rou ne_End Time > BRK_TIME Figure 8-19. Brake Routine Power-On State This is the initial state of the Motor Start Sequence (MSS) when MCT8317A is powered on. In this state, MCT8317A configures the peripherals, initializes the algorithm parameters from EEPROM and prepares for driving the motor. Sleep/Standby In this state, SPEED_REF/TARGET_DUTY is set to zero and MCT8317A is either in sleep or standby mode depending on DEV_MODE and SPEED/ WAKE pin voltage. SPEED_REF/TARGET_DUTY > 0 Judgement When SPEED_REF is set to greater than zero, MCT8317A exits the sleep (SPEED pin voltage > VIL)/standby state and proceeds to ISD_EN judgement. As long as SPEED_REF is set to zero, MCT8317A stays in sleep/standby state. ISD_EN Judgement MCT8317A checks to see if the initial speed detect (ISD) function is enabled (ISD_EN = 1b). If ISD is enabled, MSS proceeds to the BEMF < STAT_DETECT_THR judgement. Instead, if ISD is disabled, the MSS proceeds directly to the BRAKE_EN judgement. BEMF < STAT_DETECT_THR || BEMF < FG_BEMF_THR Judgement ISD determines the initial condition (speed, angle, direction of spin) of the motor (see Section 8.3.9.1). If motor is deemed to be stationary (BEMF < STAT_DETECT_THR || BEMF < FG_BEMF_THR), the MSS proceeds to BEMF < STAT_DETECT_THR judgement. If the motor is not stationary, MSS proceeds to verify the direction of spin. STAT_BRK_EN Judgement The MSS checks if the stationary brake function is enabled (STAT_BRK_EN =1b). If the stationary brake function is enabled, the MSS advances to the stationary brake routine. If the stationary brake function is disabled, the MSS advances to motor start-up state (see Section 8.3.9.4). Stationary Brake Routine The stationary brake routine can be used to ensure the motor is completely stationary before attempting to start the motor. The stationary brake is applied by turning on all three low-side driver MOSFETs for a time configured by STARTUP_BRK_TIME. Direction of spin Judgement The MSS determines whether the motor is spinning in the forward or the reverse direction. If the motor is spinning in the forward direction, the MCT8317A proceeds to the RESYNC_EN judgement. If the motor is spinning in the reverse direction, the MSS proceeds to the RVS_DR_EN judgement. RESYNC_EN Judgement If RESYNC_EN is set to 1b, MCT8317A proceeds to BEMF > RESYNC_MIN_THRESHOLD judgement. If RESYNC_EN is set to 0b, MSS proceeds to HIZ_EN judgement. www.ti.com MCT8317A SLLSFQ2 – JANUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 33 Product Folder Links: MCT8317A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |