Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 51 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 51 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 47Page - Texas Instruments MCT8317A Datasheet HTML 48Page - Texas Instruments MCT8317A Datasheet HTML 49Page - Texas Instruments MCT8317A Datasheet HTML 50Page - Texas Instruments MCT8317A Datasheet HTML 51Page - Texas Instruments MCT8317A Datasheet HTML 52Page - Texas Instruments MCT8317A Datasheet HTML 53Page - Texas Instruments MCT8317A Datasheet HTML 54Page - Texas Instruments MCT8317A Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 161 page
background image
time to allow the inductive current to decay to zero) before transitioning into Hi-Z by turning OFF the remaining
MOSFETs.
If high-side modulation was active, prior to motor stop command, then the high-side MOSFET is turned OFF
on receiving motor stop command and the current recirculation takes place through low-side MOSFET (see
example Figure 8-38). Once the recirculation time lapses, the low-side MOSFET also turns OFF and all
MOSFETs are in Hi-Z state.
M
VM
HSA
LSA
HSB
LSB
HSC
LSC
M
VM
HSA
LSA
HSB
LSB
HSC
LSC
Driving State
Low-Side Recircula on Mode
Figure 8-38. Low-Side Recirculation
If low-side modulation was active, prior to motor stop command, then the low-side MOSFET is turned OFF
on receiving motor stop command and the current recirculation takes place through high-side MOSFET (see
example Figure 8-39). Once the recirculation time lapses, the high-side MOSFET also turns OFF and all
MOSFETs are in Hi-Z state
M
VM
HSA
LSA
HSB
LSB
HSC
LSC
M
VM
HSA
LSA
HSB
LSB
HSC
LSC
Driving State
High-Side Recircula on Mode
Figure 8-39. High-Side Recirculation
8.3.17.3 Low-Side Braking
Low-side braking mode is configured by setting MTR_STOP to 010b. When a motor stop command is received,
the output speed is reduced to a value defined by ACT_SPIN_BRK_THR prior to turning all low-side MOSFETs
ON (see example Figure 8-40) for a time configured by MTR_STOP_BRK_TIME. If the motor speed is below
ACT_SPIN_BRK_THR prior to receiving stop command, then the MCT8317A transitions directly into the brake
state. After applying the brake for MTR_STOP_BRK_TIME, the MCT8317A transitions into the Hi-Z state by
turning OFF all MOSFETs.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com