Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 11 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 11 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 7Page - Texas Instruments MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments MCT8317A Datasheet HTML 10Page - Texas Instruments MCT8317A Datasheet HTML 11Page - Texas Instruments MCT8317A Datasheet HTML 12Page - Texas Instruments MCT8317A Datasheet HTML 13Page - Texas Instruments MCT8317A Datasheet HTML 14Page - Texas Instruments MCT8317A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 161 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSP
Pulse width of spikes that must be
suppressed by the input filter
Fast Mode
0
50
ns
SPEED INPUT - PWM MODE
ƒPWM
PWM input frequency
0.01
100
kHz
ResPWM
PWM input resolution
fPWM = 0.01 to 0.35 kHz
11
12
13
bits
ResPWM
PWM input resolution
fPWM = 0.350 to 2 kHz
12
13
14
bits
ResPWM
PWM input resolution
fPWM = 2 to 3.5 kHz
11
14
15
bits
ResPWM
PWM input resolution
fPWM = 3.5 to 7 kHz
13
13.5
14
bits
ResPWM
PWM input resolution
fPWM = 7 to 14 kHz
12
12.5
13
bits
fPWM = 14 to 29.2 kHz
11
11.5
12
bits
fPWM = 29.3 to 58.5 kHz
10
10.5
11
bits
ResPWM
PWM input resolution
fPWM = 60 to 100 kHz
8
9
10
bits
SPEED INPUT - ANALOG MODE
VANA_FS
Analog full-speed voltage
2.95
3
3.05
V
VANA_RES
Analog voltage resolution
732
μV
SPEED INPUT - FREQUENCY MODE
ƒPWM_FREQ PWM input frequency range
Duty cycle = 50%
3
32767
Hz
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com