Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8317A Datasheet(PDF) 12 Page - Texas Instruments

Part # MCT8317A
Description  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A Datasheet(HTML) 12 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 8Page - Texas Instruments MCT8317A Datasheet HTML 9Page - Texas Instruments MCT8317A Datasheet HTML 10Page - Texas Instruments MCT8317A Datasheet HTML 11Page - Texas Instruments MCT8317A Datasheet HTML 12Page - Texas Instruments MCT8317A Datasheet HTML 13Page - Texas Instruments MCT8317A Datasheet HTML 14Page - Texas Instruments MCT8317A Datasheet HTML 15Page - Texas Instruments MCT8317A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 161 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION CIRCUITS
VOVP
Supply overvoltage protection (OVP)
VM rising
21
22
23
V
VM falling
20
21
22
V
VOVP_HYS
Supply overvoltage protection hysteresis Falling to rising threshold
900
1000
1100
mV
tOVP
Supply overvoltage protection deglitch
time
3
5
7
µs
VUVLO
Supply undervoltage lockout (UVLO)
VM rising
4.25
4.4
4.61
V
VM falling
4.1
4.2
4.35
V
VUVLO_HYS
Supply undervoltage lockout hysteresis
Rising to falling threshold
140
210
350
mV
tUVLO
Supply undervoltage lockout deglitch
time
3
5
7
µs
VVIN_AVDD_U
V
AVDD supply input undervoltage lockout
(VIN_AVDD_UV)
VIN_AVDD rising
4.25
4.4
4.61
V
VIN_AVDD falling
4.1
4.2
4.35
V
VVIN_AVDD_U
V_HYS
Supply undervoltage lockout hysteresis
Rising to falling threshold
140
210
350
mV
VCPUV
Charge pump undervoltage lockout
(above VM)
Supply rising
2.64
2.8
2.95
V
Supply falling
2.4
2.6
2.7
V
VCPUV_HYS
Charge pump undervoltage lockout
hysteresis
Rising to falling threshold
180
210
245
mV
tCPUV
Charge pump undervoltage lockout
deglitch time
3
5
7
µs
VAVDD_UV
Analog regulator undervoltage lockout
Supply rising
2.7
2.8
2.9
V
Supply falling
2.6
2.7
2.8
V
VAVDD_UV_H
YS
Analog regulator undervoltage lockout
hysteresis
Rising to falling threshold
80
100
150
mV
IOCP
Overcurrent protection trip point
6
9.5
12
A
tBLANK (1)
Overcurrent protection blanking time
OCP_TBLANK = 00b
0.15
0.3
0.45
µs
OCP_TBLANK = 01b
0.45
0.7
0.85
µs
OCP_TBLANK = 10b
0.7
1
1.25
µs
OCP_TBLANK = 10b
0.9
1.2
1.5
µs
tOCP (1)
Overcurrent protection deglitch time
OCP_DEG = 00b
0.1
0.3
0.45
µs
OCP_DEG = 01b
0.35
0.6
0.85
µs
OCP_DEG = 10b
0.6
0.9
1.25
µs
OCP_DEG = 11b
0.8
1.2
1.5
µs
tRETRY
Fault retry time
TRETRY = 00b
350
500
700
ms
TRETRY = 01b
750
1000
1300
ms
TRETRY = 10b
1650
2000
2450
ms
TRETRY = 11b
4350
5000
5850
ms
TOTW
Thermal warning temperature
Die temperature (TJ) Rising
110
125
140
°C
TOTW_HYS
Thermal warning hysteresis
Die temperature (TJ)
15
20
25
°C
TOTS
Thermal shutdown temperature
Die temperature (TJ) Rising
145
160
175
°C
TOTS_HYS
Thermal shutdown hysteresis
Die temperature (TJ)
15
20
25
°C
(1)
(tOCP + tBLANK) must not exceed 2.2 µs
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com